Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7130LA55J Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT7130LA55J
Description  HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7130LA55J Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT7130LA55J Datasheet HTML 1Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 2Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 3Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 4Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 5Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 6Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 7Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 8Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
6.01
3
IDT7130SA/LA AND IDT7140SA/LA
HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
7130SA
7130LA
7140SA
7140LA
Symbol
Parameter
Test Conditions
Min.
Max.
Max.
Max.
Unit
|lLl|
Input Leakage
VCC = 5.5V,
—
10
—
5
µA
Current
(1)
VIN = 0V to VCCIN = GND to VCC
|lLO|
Output Leakage
VCC = 5.5V,
—
10
—
5
µA
Current
(1)
CE = VIH, VOUT = 0V to VCCC
VOL
Output Low Voltage
lOL = 4mA
—
0.4
—
0.4
V
(l/O0-l/O7)
lOL= 16mA
VOL
Open Drain Output
lOL = 16mA
—
0.5
—
0.5
V
Low Voltage (
BUSY, INT)
VOH
Output High Voltage
lOH = -4mA
2.4
—
2.4
—
V
Sy
mbol
Parameter
Conditions(2)
Max. Unit
CIN
Input Capacitance
VIN = 3dV
9
pF
COUT
Output Capacitance
VIN = 3dV
10
pF
2689 tbl 02
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Rating
Commercial
Military
Unit
VTERM(2) Terminal Voltage
–0.5 to +7.0
–0.5 to +7.0
V
with Respect to
GND
TA
Operating
0 to +70
–55 to +125
°C
Temperature
TBIAS
Temperature
–55 to +125
–65 to +135
°C
Under Bias
TSTG
Storage
–55 to +125
–65 to +150
°C
Temperature
IOUT
DC Output
50
50
mA
Current
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of the specification is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
2. VTERM must not exceed Vcc + 0.5 for more than 25% of the cycle time
or 10ns maximum, and is limited to < 20mA for the period of VTERM > Vcc
+ 0.5V.
2689 tbl 01
RECOMMENDED
DC OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Supply Voltage
0
0
0
V
VIH
Input High Voltage
2.2
—
6.0
(2)
V
VIL
Input Low Voltage
–0.5
—
0.8
V
NOTES:
1. VIL (min.) > -1.5V for pulse width less than 10ns.
2. VTERM must not exceed Vcc + 0.5V.
RECOMMENDED OPERATING
TEMPERATURE AND SUPPLY VOLTAGE
Ambient
Grade
Temperature
GND
VCC
Military
–55
°C to +125°C
0V
5.0V
± 10%
Commercial
0
°C to +70°C
0V
5.0V
± 10%
2689 tbl 03
(1)
DC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE (VCC = 5.0V
± 10%)
NOTES:
1. This parameter is determined by device characterization but is not
production tested.
2. 3dv references the interpolated capacitance when the input and
output signals switch from 0V to 3V or from 3V to 0V.
3. 11pF max. for other packages.
2689 tbl 05
CAPACITANCE(1)
(TA = +25
°C, f = 1.0MHz) TQFP ONLY(3)
NOTE:
2689 tbl 04
1. At Vcc < 2.0V leakages are undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com