Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7130LA55J Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT7130LA55J
Description  HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7130LA55J Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT7130LA55J Datasheet HTML 2Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 3Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 4Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 5Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 6Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 7Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 8Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 9Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
IDT7130SA/LA AND IDT7140SA/LA
HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.01
6
AC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(3)
7130X20(2) 7130X25(5)
7130X35
7130X55
7130X100
7140X25
(5)
7140X35
7140X55
7140X100
Symbol
Parameter
Min. Max.
Min. Max. Min.
Max. Min. Max. Min.
Max. Unit
Read Cycle
tRC
Read Cycle Time
20
25
35
55
100
ns
tAA
Address Access Time
20
25
35
55
100
ns
tACE
Chip Enable Access Time
20
25
35
55
100
ns
tAOE
Output Enable Access Time
11
12
20
25
40
ns
tOH
Output Hold From Address Change
3
3
3
3
10
ns
tLZ
Output Low-Z Time
(1,4)
0—
0
0
5
5
ns
tHZ
Output High-Z Time(1,4)
10
10
15
25
40
ns
tPU
Chip Enable to Power Up Time
(4)
0—
0
0
0
0
ns
tPD
Chip Disable to Power Down Time
(4)
20
25
35
50
50
ns
NOTES:
2689 tbl 09
1. Transition is measured
±500mV from Low or High-impedance voltage Output Test Load (Figure 2).
2. Com'l Only, 0
°C to +70°C temperature range. PLCC and TQFP package.
3. “X” in part numbers indicates power rating (SA or LA).
4. This parameter is guaranteed by device characterization, but is not production tested.
5. Not available in DIP packages.
TIMING WAVEFORM OF READ CYCLE NO. 1, EITHER SIDE(1)
ADDRESS
DATAOUT
tRC
tOH
PREVIOUS DATA VALID
tAA
tOH
DATA VALID
2689 drw 08
tBDD (2,3)
BUSYOUT
NOTES:
1. R/
W = VIH, CE = VIL, and is OE = VIL. Address is valid prior to the coincidental with CE transition Low.
2. tBDD delay is required only in the case where the opposite port is completing a write operation to the same the
address location. For simultaneous read operations,
BUSY has no relationship to valid output data.
3. Start of valid data depends on which timing becomes effective last tAOE, tACE, tAA, and tBDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com