Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7130LA55J Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT7130LA55J
Description  HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7130LA55J Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT7130LA55J Datasheet HTML 6Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 7Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 8Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 9Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 10Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 11Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 12Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 13Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
IDT7130SA/LA AND IDT7140SA/LA
HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.01
10
TIMING WAVEFORM OF WRITE WITH
BUSY
BUSY
BUSY
BUSY
BUSY(3)
BUSY'B'
2689 drw 13
R/
W'A'
tWP
tWH
tWB
R/
W'B'
(2)
(1)
NOTES:
1. tWH must be met for both BUSY Input (IDT7140, slave) or Output (IDT7130 master).
2. BUSY is asserted on port 'B' blocking R/W'B', until BUSY'B' goes High.
3. All timing is the same for the left and right ports. Port 'A' may be either the left or right
port. Port "B" is opposite from port "A".
TIMING WAVEFORM OF BUSY ARBITRATION CONTROLLED BY
CE
CE
CE
CE
CE TIMING (1)
TIMING WAVEFORM OF BUSY ARBITRATION CONTROLLED BY ADDRESS MATCH TIMING (1)
NOTES:
1. All timing is the same for left and right ports. Port “A” may be either left or right port. Port “B” is the opposite from port “A”.
2. If tAPS is not satisified, the
BUSY will be asserted on one side or the other, but there is no guarantee on which side BUSY will be
asserted (7130 only).
tAPS
ADDR
'A'
AND 'B'
ADDRESSES MATCH
tBAC
tBDC
CE'B'
CE'A'
BUSY'A'
2689 drw 14
(2)
BUSY'B'
ADDRESSES DO NOT MATCH
ADDRESSES MATCH
tAPS
ADDR'A'
ADDR'B'
2689 drw 15
(2)
tBAA
tBDA
tRC OR tWC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com