Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7130LA55J Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT7130LA55J
Description  HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7130LA55J Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT7130LA55J Datasheet HTML 6Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 7Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 8Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 9Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 10Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 11Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 12Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 13Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
6.01
11
IDT7130SA/LA AND IDT7140SA/LA
HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
AC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(2)
8M824S25
8M824S308M824S35
7130X20
(1)
7130X25
(3)
7130X35
7130X55
7130X100
7140X25(3)
7140X35
7140X55
7140X100
Symbol
Parameter
Min.
Max.
Min.
Max.
Min. Max.
Min.
Max.
Min.
Max.
Unit
Interrupt Timing
tAS
Address Set-up Time
0
—
0
—
0
—
0
—
0
—
ns
tWR
Write Recovery Time
0
—
0
—
0
—
0
—
0
—
ns
tINS
Interrupt Set Time
—
20
—
25
—
25
—
45
—
60
ns
tINR
Interrupt Reset Time
—
20
—
25
—
25
—
45
—
60
ns
2689 tbl 12
NOTES:
1.
0
°C to +70°C temperature range only, PLCC and TQFP packages.
2.
“X” in part numbers indicates power rating (SA or LA).
3.
Not available in DIP packages .
INT
INT
INT
INT
INT SET:
TIMING WAVEFORM OF INTERRUPT MODE
INT
INT
INT
INT
INT CLEAR:
NOTES:.
1. All timing is the same for left and right ports. Port “A” may be either left or right port. Port “B” is the opposite from port “A”.
2. See Interrupt Truth Table.
3. Timing depends on which enable signal (
CE or R/W) is asserted last.
4. Timing depends on which enable signal (
CE or R/W) is de-asserted first.
tINS
ADDR'A'
INT'B'
INTERRUPT ADDRESS
tWC
tAS
R/
W'A'
tWR
2689 drw 16
(3)
(3)
(2)
(4)
tRC
INTERRUPT CLEAR ADDRESS
ADDR'B'
OE'B'
tINR
INT'B'
2689 drw 17
tAS
(3)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com