Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7130LA55J Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT7130LA55J
Description  HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7130LA55J Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT7130LA55J Datasheet HTML 5Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 6Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 7Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 8Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 9Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 10Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 11Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 12Page - Integrated Device Technology IDT7130LA55J Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
6.01
9
IDT7130SA/LA AND IDT7140SA/LA
HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
AC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(7)8M824S258M824S30 7132158M824S4
7130X20
(1)
7130X25
(9)
7130X35
7130X55
7130X100
7140X25
(9)
7140X35
7140X55
7140X100
Symbol
Parameter
Min. Max.
Min. Max. Min. Max.
Min. Max. Min. Max.
Unit
Busy Timing (For Master lDT7130 Only)
tBAA
BUSY Access Time from Address
20
20
20
30
50
ns
tBDA
BUSY Disable Time from Address
20
20
20
30
50
ns
tBAC
BUSY Access Time from Chip Enable
20
20
20
30
50
ns
tBDC
BUSY Disable Time from Chip Enable
20
20
20
30
50
ns
tWH
Write Hold After
BUSY(6)
12
15
20
20
20
ns
tWDD
Write Pulse to Data Delay
(2)
40
50
60
80
120
ns
tDDD
Write Data Valid to Read Data Delay
(2)
30
35
35
55
100
ns
tAPS
Arbitration Priority Set-up Time(3)
5—
5—
5
5—5
ns
tBDD
BUSY Disable to Valid Data(4)
25
35
35
50
65
ns
Busy Timing (For Slave IDT7140 Only)e
5
—5
—5
5
5
tWB
Write to
BUSY Input(5)
0—
0—
0
0—0
ns
tWH
Write Hold After
BUSY(6)
12
15
20
20
20
ns
tWDD
Write Pulse to Data Delay
(2)
40
50
60
80
120
ns
tDDD
Write Data Valid to Read Data Delay
(2)
30
35
35
55
100
ns
NOTES:
2689 tbl 11
1. Com'l Only, 0
°C to +70°C temperature range. PLCC and TQFP packages only.
2. Port-to-port delay through RAM cells from the writing port to the reading port, refer to “Timing Waveform of Write with Port-to-Port Read and
BUSY."
3. To ensure that the earlier of the two ports wins.
4. tBDD is a calculated parameter and is the greater of 0, tWDD – tWP (actual), or tDDD – tDW (actual).
5. To ensure that a write cycle is inhibited on port 'B' during contention on port 'A'.
6. To ensure that a write cycle is completed on port 'B' after contention on port 'A'.
7. “X” in part numbers indicates power rating (SA or LA).
8. Not available in DIP packages.
TIMING WAVEFORM OF WRITE WITH PORT-TO-PORT READ AND
BUSY
BUSY
BUSY
BUSY
BUSY
tWC
tWP
tDW
tDH
tBDD
tDDD
tBDA
tWDD
ADDR’B’
DATAOUT’B’
DATAIN’A’
ADDR’A’
MATCH
VALID
MATCH
VALID
R/
W’A’
BUSY’B’
tAPS
2689 drw 12
(1)
NOTES:
1. To ensure that the earlier of the two ports wins. tBDD is ignored for slave (IDT7140).
2.
CEL = CER = VIL.
3. OE = VIL for the reading port.
4. All timing is the same for the left and right ports. Port 'A' may be either the left or right port. Port "B" is opposite from port "A".
(2,3,4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com