Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5060 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5060
Description  Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5060 Datasheet(HTML) 5 Page - Analog Devices

  AD5060 Datasheet HTML 1Page - Analog Devices AD5060 Datasheet HTML 2Page - Analog Devices AD5060 Datasheet HTML 3Page - Analog Devices AD5060 Datasheet HTML 4Page - Analog Devices AD5060 Datasheet HTML 5Page - Analog Devices AD5060 Datasheet HTML 6Page - Analog Devices AD5060 Datasheet HTML 7Page - Analog Devices AD5060 Datasheet HTML 8Page - Analog Devices AD5060 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD5040/AD5060
Rev. A | Page 5 of 24
TIMING CHARACTERISTICS
VDD = 2.7 V to 5.5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
Limit1
Unit
Test Conditions/Comments
t12
33
ns min
SCLK cycle time
t2
5
ns min
SCLK high time
t3
3
ns min
SCLK low time
t4
10
ns min
SYNC to SCLK falling edge setup time
t5
3
ns min
Data setup time
t6
2
ns min
Data hold time
t7
0
ns min
SCLK falling edge to SYNC rising edge
t8
12
ns min
Minimum SYNC high time
t9
9
ns min
SYNC rising edge to next SCLK fall ignore
1 All input signals are specified with tr = tf = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
2 Maximum SCLK frequency is 30 MHz.
t4
t3
t2
t5
t7
t6
D0
D1
D2
D22
D23
SYNC
SCLK
t9
t1
t8
D23
D22
DIN
Figure 2. AD5060 Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com