Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5060 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5060
Description  Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5060 Datasheet(HTML) 2 Page - Analog Devices

  AD5060 Datasheet HTML 1Page - Analog Devices AD5060 Datasheet HTML 2Page - Analog Devices AD5060 Datasheet HTML 3Page - Analog Devices AD5060 Datasheet HTML 4Page - Analog Devices AD5060 Datasheet HTML 5Page - Analog Devices AD5060 Datasheet HTML 6Page - Analog Devices AD5060 Datasheet HTML 7Page - Analog Devices AD5060 Datasheet HTML 8Page - Analog Devices AD5060 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD5040/AD5060
Rev. A | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Product Highlights ........................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Timing Characteristics..................................................................... 5
 
Absolute Maximum Ratings............................................................ 6
 
ESD Caution.................................................................................. 6
 
Pin Configuration and Function Descriptions............................. 7
 
Typical Performance Characteristics ............................................. 8
 
Terminology .................................................................................... 14
 
Theory of Operation ...................................................................... 15
 
DAC Architecture....................................................................... 15
 
Reference Buffer ......................................................................... 15
 
Serial Interface ............................................................................ 15
 
Power-On reset ........................................................................... 16
 
Software Reset............................................................................. 16
 
Power-Down Modes .................................................................. 17
 
Microprocessor Interfacing....................................................... 17
 
Applications..................................................................................... 19
 
Choosing a Reference for the AD5040/ AD5060................... 19
 
Bipolar Operation Using the AD5040/ AD5060.................... 19
 
Using the AD5040/AD5060 with a Galvanically Isolated
Interface Chip ............................................................................. 20
 
Power Supply Bypassing and Grounding................................ 20
 
Outline Dimensions ....................................................................... 21
 
Ordering Guide .......................................................................... 21
 
REVISION HISTORY
1/10—Rev. 0 to Rev. A
Changes to Table 2, Relative Accuracy (INL) and Endnote 1 .... 3
Updated Outline Dimensions ....................................................... 21
Changes to Ordering Guide .......................................................... 21
10/05—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com