Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5060 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5060
Description  Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5060 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5060 Datasheet HTML 7Page - Analog Devices AD5060 Datasheet HTML 8Page - Analog Devices AD5060 Datasheet HTML 9Page - Analog Devices AD5060 Datasheet HTML 10Page - Analog Devices AD5060 Datasheet HTML 11Page - Analog Devices AD5060 Datasheet HTML 12Page - Analog Devices AD5060 Datasheet HTML 13Page - Analog Devices AD5060 Datasheet HTML 14Page - Analog Devices AD5060 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD5040/AD5060
Rev. A | Page 11 of 24
0
0
3.00
2.75
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
70000
60000
50000
40000
30000
20000
10000
DAC CODE
VDD = 3.0V, VREF = 2.5V
VDD = 5.5V, VREF = 4.096V
TA = 25°C
Figure 22. Typical Supply Current vs. Digital Input Code1
CH2 50mV/DIV
CH1 2V/DIV
TIME BASE 400ns/DIV
24TH CLOCK FALLING
CH1 = SCLK
CH2 = VOUT
Figure 23. AD5060 Digital-to-Analog Glitch Impulse
(See Figure 24)
0.117
0.101
0.102
0.103
0.104
0.105
0.106
0.107
0.108
0.109
0.111
0.110
0.112
0.113
0.114
0.115
0.116
SAMPLES
VDD = 5V
VREF = 4.096V
R = 5k
Ω
C = 220pF
CODE = 57386
Figure 24. AD5060 Digital-to-Analog Glitch Energy
1 AD5060 only.
VDD = 3V
DAC = FULL SCALE
VREF = 2.7V
TA = 25°C
Y AXIS = 2
μV/DIV
X AXIS = 4s/DIV
Figure 25. 0.1 Hz to 10 Hz Noise Plot
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1
0
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
5.5
5.3
REFERENCE VOLTAGE (V)
Figure 26. VDD Headroom vs. Reference Voltage
5.05
5.00
4.95
4.90
4.85
4.80
4.75
4.70
4.65
4.60
4.55
4.70 4.72 4.74 4.76 4.78 4.80 4.82 4.84 4.86 4.88 4.90 4.92 4.94 4.96 4.98 5.00
VREF (V)
VDD = 5.0V
TA = 25°C
DAC = FULL-SCALE
Figure 27. Output Voltage vs. Reference Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com