Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5060 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5060
Description  Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5060 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5060 Datasheet HTML 14Page - Analog Devices AD5060 Datasheet HTML 15Page - Analog Devices AD5060 Datasheet HTML 16Page - Analog Devices AD5060 Datasheet HTML 17Page - Analog Devices AD5060 Datasheet HTML 18Page - Analog Devices AD5060 Datasheet HTML 19Page - Analog Devices AD5060 Datasheet HTML 20Page - Analog Devices AD5060 Datasheet HTML 21Page - Analog Devices AD5060 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD5040/AD5060
Rev. A | Page 18 of 24
AD5040/AD5060 to MICROWIRE Interface
AD5040/AD5060 to Blackfin® ADSP-BF53x Interface
Figure 49 shows an interface between the AD5040/AD5060 and
any MICROWIRE-compatible device. Serial data is shifted out
on the falling edge of the serial clock and is clocked into the
AD5040/AD5060 on the rising edge of the SK.
Figure 47 shows a serial interface between the AD5040/
AD5060 and the Blackfin ADSP-53x microprocessor. The
ADSP-BF53x processor family incorporates two dual-channel
synchronous serial ports, SPORT1 and SPORT0, for serial and
multiprocessor communications. Using SPORT0 to connect to
the AD5040/AD5060, the setup for the interface is: DT0PRI
drives the SDIN pin of the AD5040/AD5060, while TSCLK0
drives the SCLK of the part; the SYNC is driven from TFS0.
MICROWIRE1
1ADDITIONAL PINS OMITTED FOR CLARITY
CS
SK
SO
SYNC
SCLK
DIN
AD5040/
AD50601
ADSP-BF53x1
1ADDITIONAL PINS OMITTED FOR CLARITY
DT0PRI
TSCLK0
TFS0
DIN
SCLK
SYNC
AD5040/
AD50601
Figure 49. AD5040/AD5060 to MICROWIRE Interface
Figure 47. AD5040/AD5060 to Blackfin® ADSP-BF53x Interface
AD5040/AD5060 to 80C51/80L51 Interface
Figure 48 shows a serial interface between the AD5060/
AD5040 and the 80C51/80L51 microcontroller. The setup
for the interface is: TxD of the 80C51/80L51 drives SCLK of
the AD5040/AD5060 while RxD drives the serial data line
of the part. The SYNC signal is again derived from a bit-
programmable pin on the port. In this case, Port Line P3.3 is
used. When data is to be transmitted to the AD5040, P3.3 is
taken low. The 80C51/80L51 transmits data only in 8-bit bytes;
thus only 8 falling clock edges occur in the transmit cycle. To
load data to the DAC, P3.3 is left low after the first eight bits are
transmitted, and a second write cycle is initiated to transmit the
second byte of data. P3.3 is taken high following the completion
of this cycle. The 80C51/80L51 outputs the serial data in a
format which has the LSB first. The AD5040/AD5060 require
data to be received with the MSB as the first bit. The
80C51/80L51 transmit routine should take this into account.
80C51/80L511
1ADDITIONAL PINS OMITTED FOR CLARITY
P3.3
TxD
RxD
SYNC
SCLK
DIN
AD5040/
AD50601
Figure 48. AD5040/AD5060 to 80C51/80L51 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com