Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5060 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5060
Description  Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5060 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5060 Datasheet HTML 6Page - Analog Devices AD5060 Datasheet HTML 7Page - Analog Devices AD5060 Datasheet HTML 8Page - Analog Devices AD5060 Datasheet HTML 9Page - Analog Devices AD5060 Datasheet HTML 10Page - Analog Devices AD5060 Datasheet HTML 11Page - Analog Devices AD5060 Datasheet HTML 12Page - Analog Devices AD5060 Datasheet HTML 13Page - Analog Devices AD5060 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD5040/AD5060
Rev. A | Page 10 of 24
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
–40
140
120
100
80
60
40
20
0
–20
TEMPERATURE (°C)
VDD = 5.5V, VREF = 4.096V
VDD = 2.7V, VREF = 2.0V
MAX DNL ERROR @
VDD = 5.5V
MAX DNL ERROR @
VDD = 2.7V
MIN DNL ERROR @
VDD = 2.7V
MIN DNL ERROR @
VDD = 5.5V
Figure 16. Typical DNL Error vs. Temperature1
MAX TUE ERROR @
VDD = 5.5V
MAX TUE ERROR @
VDD = 2.7V
MIN TUE ERROR @
VDD = 2.7V
MIN TUE ERROR @
VDD = 5.5V
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
–40
140
120
100
80
60
40
20
0
–20
TEMPERATURE (°C)
VDD = 5.5V, VREF = 4.096V
VDD = 2.7V, VREF = 2.0V
Figure 17. Typical TUE Error vs. Temperature1
1.4
0
0.2
0.4
0.6
0.8
1.0
1.2
–40
140
120
100
80
60
40
20
0
–20
TEMPERATURE (°C)
VDD = 5.5V, VREF = 4.096V
VDD = 2.7V, VREF = 2.0V
MAX IDD @
VDD = 5.5V
MAX IDD @
VDD = 2.7V
Figure 18. Typical Supply Current vs. Temperature1
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
5M
10M
15M
20M
25M
30M
35M
40M
45M
FREQUENCY (Hz)
VDD = 5.5V
VREF = 4.096V
TA = 25°C
FULL-SCALE
THREE QUARTER SCALE
QUARTER-SCALE
MID-SCALE
ZERO-SCALE
Figure 19. Typical Supply Current vs. Frequency @ 5.5 V1
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
5M
10M
15M
20M
25M
30M
35M
40M
45M
VDD = 3V
VREF = 2.5V
TA = 25°C
1.6
FREQUENCY (Hz)
FULL-SCALE
THREE QUARTER SCALE
QUARTER-SCALE
MID-SCALE
ZERO-SCALE
Figure 20. Typical Supply Current vs. Frequency @ 3 V1
2.5
0
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
6.0
5.5
5.0
4.5
4.0
3.5
3.0
SUPPLY VOLTAGE (V)
VREF = 2.5V
TA = 25°C
CODE = MIDSCALE
Figure 21. Typical Supply Current vs. Supply Voltage1
1 AD5060 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com