Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S80296 Datasheet(PDF) 8 Page - Intel Corporation

Part # S80296
Description  80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80296 Datasheet(HTML) 8 Page - Intel Corporation

Back Button S80296 Datasheet HTML 4Page - Intel Corporation S80296 Datasheet HTML 5Page - Intel Corporation S80296 Datasheet HTML 6Page - Intel Corporation S80296 Datasheet HTML 7Page - Intel Corporation S80296 Datasheet HTML 8Page - Intel Corporation S80296 Datasheet HTML 9Page - Intel Corporation S80296 Datasheet HTML 10Page - Intel Corporation S80296 Datasheet HTML 11Page - Intel Corporation S80296 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
4
PRELIMINARY
80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
Table 2. 80296SA 100-pin QFP Pin Assignment
Pin
Name
Pin
Name
Pin
Name
Pin
Name
1
AD0
26
EXTINT2/P3.6
51
HOLD#/P2.5
76
RD#
2
NC (see Note)
27
NC (see Note)
52
HLDA#/P2.6
77
WR#/WRL#
3
RESET#
28
EXTINT3/P3.7
53
V
CC
78
EPORT.3/A19
4
NMI
29
EPA0/P1.0
54
CLKOUT/P2.7
79
EPORT.2/A18
5
NC (see Note)
30
V
CC
55
V
SS
80
V
SS
6
A0
31
EPA1/P1.1
56
XTAL2
81
V
CC
7
A1
32
EPA2/P1.2
57
XTAL1
82
EPORT.1/A17
8V
CC
33
EPA3/P1.3
58
V
SS
83
EPORT.0/A16
9V
SS
34
T1CLK/P1.4
59
A15
84
AD15
10
A2
35
T1DIR/P1.5
60
A14
85
AD14
11
A3
36
V
CC
61
A13
86
AD13
12
A4
37
T2CLK/P1.6
62
A12
87
AD12
13
A5
38
V
SS
63
A11
88
AD11
14
A6
39
T2DIR/P1.7
64
A10
89
AD10
15
A7
40
PWM0/P4.0
65
A9
90
AD9
16
V
CC
41
PWM1/P4.1
66
A8
91
V
SS
17
V
SS
42
PWM2/P4.2
67
V
SS
92
AD8
18
PLLEN1
43
P4.3
68
V
CC
93
V
CC
19
CS0#/P3.0
44
V
CC
69
PLLEN2
94
AD7
20
CS1#/P3.1
45
V
SS
70
ONCE
95
AD6
21
CS2#/P3.2
46
TXD/P2.0
71
RPD
96
AD5
22
CS3#/P3.3
47
RXD/P2.1
72
READY
97
AD4
23
V
SS
48
EXTINT0/P2.2
73
INST
98
AD3
24
CS4#/P3.4
49
BREQ#/P2.3
74
ALE
99
AD2
25
CS5#/P3.5
50
EXTINT1/P2.4
75
BHE#/WRH#
100
AD1
NOTE:
For compatibility with future products, tie pin 5 to V
CC and leave pins 2 and 27 unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com