Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S80296 Datasheet(PDF) 24 Page - Intel Corporation

Part # S80296
Description  80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80296 Datasheet(HTML) 24 Page - Intel Corporation

Back Button S80296 Datasheet HTML 20Page - Intel Corporation S80296 Datasheet HTML 21Page - Intel Corporation S80296 Datasheet HTML 22Page - Intel Corporation S80296 Datasheet HTML 23Page - Intel Corporation S80296 Datasheet HTML 24Page - Intel Corporation S80296 Datasheet HTML 25Page - Intel Corporation S80296 Datasheet HTML 26Page - Intel Corporation S80296 Datasheet HTML 27Page - Intel Corporation S80296 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
20
PRELIMINARY
80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
6.2.3
AC CHARACTERISTICS — MULTIPLEXED BUS MODE
Test Conditions: Capacitive load on all pins = 50 pF, Rise and Fall Times = 3 ns.
Table 8. AC Characteristics the 80C296SA Will Meet, Multiplexed Bus Mode
Symbol
Parameter
Min
Max
Units
F
XTAL
1
Frequency on XTAL1, PLL in 1x mode
16
50 (1)
MHz
Frequency on XTAL1, PLL in 2x mode
8 (2)
25
MHz
Frequency on XTAL1, PLL in 4x mode
8 (2)
12.5
MHz
f
Operating frequency, f = F
XTAL1; PLL in 1x mode
16
50
MHz
Operating frequency, f = 2F
XTAL1; PLL in 2x mode
Operating frequency, f = 4F
XTAL
1; PLL in 4x mode
t
Period, t = 1/f
20
62.5
ns
T
XHCH
XTAL1 Rising Edge to CLKOUT High or Low
3
50
ns
T
CLCL
CLKOUT Cycle Time
2t
ns
T
CHCL
CLKOUT High Period
t – 10
t + 15
ns
T
AVWL
Address Valid to WR# Falling Edge
2t – 25
ns
T
CLLH
CLKOUT Falling Edge to ALE Rising Edge
–13
10
ns
T
LLCH
ALE Falling Edge to CLKOUT Rising Edge
–15
15
ns
T
LHLH
ALE Cycle Time
4t
ns (3)
T
LHLL
ALE High Period
t – 10
t + 10
ns
T
AVLL
Address Valid to ALE Falling Edge
t – 15
ns
T
LLAX
Address Hold after ALE Falling Edge
1
ns
T
LLRL
ALE Falling Edge to RD# Falling Edge
3
ns
T
RLCL
RD# Low to CLKOUT Falling Edge
–10
20
ns
T
RLRH
RD# Low Period
2t
– 25
ns (3)
T
RHLH
RD# Rising Edge to ALE Rising Edge
t – 5
t + 15
ns (4)
T
RLAZ
RD# Low to Address Float
5
ns
T
LLWL
ALE Falling Edge to WR# Falling Edge
4
ns
T
QVWH
Data Stable to WR# Rising Edge
2t – 27
ns (3)
T
CHWH
CLKOUT High to WR# Rising Edge
–15
5
ns
T
WLWH
WR# Low Period
2t – 25
ns (3)
NOTES:
1.
25 MHz is the maximum input frequency when using an external crystal oscillator; however, 50 MHz
can be applied with an external clock source.
2.
When the phase-locked loop (PLL) circuitry is enabled, the minimum input frequency on XTAL1 is 8
MHz. The PLL cannot be run at frequencies lower than 16 MHz.
3.
If wait states are used, add 2t
× n, where n = number of wait states.
4.
Assuming back-to-back bus cycles.
5.
8-bit bus only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com