Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S80296 Datasheet(PDF) 1 Page - Intel Corporation

Part # S80296
Description  80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80296 Datasheet(HTML) 1 Page - Intel Corporation

  S80296 Datasheet HTML 1Page - Intel Corporation S80296 Datasheet HTML 2Page - Intel Corporation S80296 Datasheet HTML 3Page - Intel Corporation S80296 Datasheet HTML 4Page - Intel Corporation S80296 Datasheet HTML 5Page - Intel Corporation S80296 Datasheet HTML 6Page - Intel Corporation S80296 Datasheet HTML 7Page - Intel Corporation S80296 Datasheet HTML 8Page - Intel Corporation S80296 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
PRELIMINARY
COPYRIGHT © INTEL CORPORATION, 1997
January 1997
Order Number: 272748-003
80296SA COMMERCIAL
CHMOS 16-BIT MICROCONTROLLER
The 80296SA is a member of Intel’s 16-bit MCS® 96 microcontroller family. The 80296SA features 6 Mbytes
of linear address space, a demultiplexed bus, and a chip-select unit. The external bus can dynamically switch
between multiplexed and demultiplexed operation. The device has hardware and instructions to support
various digital signal processing algorithms.
NOTE
This datasheet contains information on new products in production. The specifications
are subject to change without notice. Verify with your local Intel sales office that you have
the latest datasheet before finalizing a design.
s 50 MHz Operation†
s 6 Mbytes of Linear Address Space
s 512 Bytes of Register RAM
s 2 Kbytes of Code/Data RAM
s Register-register Architecture
s Footprint and Functionally Compatible
Upgrade for the 8XC196NP and
80C196NU
s Optional Phase-locked Loop (PLL)
Circuitry with 2x or 4x Clock Multiplier
s 32 I/O Port Pins
s 19 Interrupt Sources, 14 with
Programmable Priorities
s 4 External Interrupt Pins and NMI Pin
s 2 Flexible 16-bit Timer/Counters with
Quadrature Counting Capability
s 3 Pulse-width Modulator (PWM)
Outputs with High Drive Capability
s Full-duplex Serial Port with Dedicated
Baud-rate Generator
† 40 MHz standard; 50 MHz is Speed Premium
s Chip-select Unit
— 6 Chip-select Pins
— Dynamic Demultiplexed/Multiplexed
Address/Data Bus for Each
Chip Select
— Programmable Wait States
(0–15) for Each Chip Select
— Programmable Bus Width
(8- or 16-bit) for Each Chip Select
— Programmable Address Range for
Each Chip Select
s Event Processor Array (EPA) with
4 High-speed Capture/Compare
Channels
s Multiply and Accumulate Executes in
80 ns Using the 40-bit Hardware
Accumulator
s 880 ns 32/16 Unsigned Division
s 100-pin QFP Package
s Complete System Development
Support
s High-speed CHMOS Technology


Similar Part No. - S80296

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
S80296SA40 INTEL-S80296SA40 Datasheet
345Kb / 40P
80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
S80296SA50 INTEL-S80296SA50 Datasheet
345Kb / 40P
80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
More results

Similar Description - S80296

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
83C196EA INTEL-83C196EA Datasheet
379Kb / 40P
CHMOS 16-BIT MICROCONTROLLER
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
CHMOS 16-BIT MICROCONTROLLER
8XC196NP INTEL-8XC196NP Datasheet
661Kb / 51P
COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
8XL196NP INTEL-8XL196NP Datasheet
581Kb / 34P
COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
88CO196EC INTEL-88CO196EC Datasheet
660Kb / 44P
CHMOS 16-Bit Microcontroller
8XC196NU INTEL-8XC196NU Datasheet
331Kb / 43P
8XC196NU COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
S80296SA50 INTEL-S80296SA50 Datasheet
345Kb / 40P
80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
EG80C196NP25 INTEL-EG80C196NP25 Datasheet
607Kb / 51P
COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
S80296SA40 INTEL-S80296SA40 Datasheet
345Kb / 40P
80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
S80C196NU40 INTEL-S80C196NU40 Datasheet
3Mb / 43P
8XC196NU COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com