Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S80296 Datasheet(PDF) 29 Page - Intel Corporation

Part # S80296
Description  80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80296 Datasheet(HTML) 29 Page - Intel Corporation

Back Button S80296 Datasheet HTML 25Page - Intel Corporation S80296 Datasheet HTML 26Page - Intel Corporation S80296 Datasheet HTML 27Page - Intel Corporation S80296 Datasheet HTML 28Page - Intel Corporation S80296 Datasheet HTML 29Page - Intel Corporation S80296 Datasheet HTML 30Page - Intel Corporation S80296 Datasheet HTML 31Page - Intel Corporation S80296 Datasheet HTML 32Page - Intel Corporation S80296 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
PRELIMINARY
25
80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
T
WHBX
BHE#, INST Hold after WR# Rising Edge
0
ns
T
WHAX
A19:0, CS
x# Hold after WR# Rising Edge
0
ns
T
RHBX
BHE#, INST Hold after RD# Rising Edge
0
ns
T
RHAX
A19:0, CS
x# Hold after RD# Rising Edge
0
ns
Table 11. AC Characteristics the External Memory System Must Meet, Demultiplexed Bus Mode
Symbol
Parameter
Min
Max
Units
T
AVDV
A19:0 Valid to Input Data Valid
4t – 28
ns (1, 2, 3)
T
RLDV
RD# Active to Input Data Valid
3t – 25
ns (1, 2)
T
SLDV
Chip Select Low to Data Valid
4t – 28
ns (1, 2, 3)
T
CHDV
CLKOUT High to Input Data Valid
2t – 25
ns
T
RHDZ
End of RD# to Input Data Float
t
ns (2, 3)
T
RXDX
Data Hold after RD# Inactive
0
ns
T
AVYV
A19:0 Valid to READY Setup
3t – 45
ns (4)
T
CH
1YX
First READY Hold (active) after CLKOUT High
t – 4
2t – 21
ns (5, 6)
T
CH
2YX
Non-first READY Hold (active) after CLKOUT High
0
2t – 21
ns (5)
T
YLYH
Non READY (inactive) Time
2t
No Upper
Limit
ns
NOTES:
1.
If using the READY signal to insert wait states, you must program at least one wait state in the
BUSCON
x register because the first falling edge of READY is not synchronized with a CLKOUT edge.
2.
If using the BUSCON
x register without the READY signal to insert wait states, add 2t
× n, where n =
number of wait states.
3.
If CS
x# changes or if a write cycle follows a read cycle, add 2t (1 state).
4.
If using the BUSCON
x register to insert wait states, add (2t
× n–1), where n = number of wait states.
5.
Exceeding the maximum specification causes additional wait states.
6.
If you program two or more wait states in the BUSCON
x register, the T
CH
1YX minimum does not apply.
Table 10. AC Characteristics the 80C296SA Will Meet, Demultiplexed Bus Mode (Continued)
Symbol
Parameter
Min
Max
Units
NOTES:
1.
25 MHz is the maximum input frequency when using an external crystal oscillator; however, 50 MHz
can be applied with an external clock source.
2.
When the phase-locked loop (PLL) circuitry is enabled, the minimum input frequency on XTAL1 is 8
MHz. The PLL cannot be run at frequencies lower than 16 MHz.
3.
If using either READY or BUSCON
x to insert wait states, add 2t
× n, where n = number of wait states.
4.
Assuming back-to-back bus cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com