Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S80296 Datasheet(PDF) 34 Page - Intel Corporation

Part # S80296
Description  80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80296 Datasheet(HTML) 34 Page - Intel Corporation

Back Button S80296 Datasheet HTML 30Page - Intel Corporation S80296 Datasheet HTML 31Page - Intel Corporation S80296 Datasheet HTML 32Page - Intel Corporation S80296 Datasheet HTML 33Page - Intel Corporation S80296 Datasheet HTML 34Page - Intel Corporation S80296 Datasheet HTML 35Page - Intel Corporation S80296 Datasheet HTML 36Page - Intel Corporation S80296 Datasheet HTML 37Page - Intel Corporation S80296 Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
30
PRELIMINARY
80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
6.2.6
AC CHARACTERISTICS — SERIAL PORT, SYNCHRONOUS MODE 0
Figure 12. Serial Port Waveform — Synchronous Mode 0
Table 13. Serial Port Timing — Synchronous Mode 0
Symbol
Parameter
Min
Max
Units
T
XLXL
Serial Port Clock period†
SP_BAUD
≥ x002H
SP_BAUD
= x001H
6t
4t
ns
ns
T
XLXH
Serial Port Clock falling edge to rising edge †
SP_BAUD
≥ x002H
SP_BAUD
= x001H
4t – 15
2t – 15
4t + 15
2t + 15
ns
ns
T
QVXH
Output data setup to clock high (see Note)
SP_BAUD
≥ x002H
SP_BAUD
= x001H
4t – 15
2t – 15
4t + 15
2t + 15
ns
T
XHQX
Output data hold after clock high
2t – 20
ns
T
XHQV
Next output data valid after clock high
2t + 20
ns
T
DVXH
Input data setup to clock high (see Note)
SP_BAUD
≥ x002H
SP_BAUD
= x001H
2t + 10
t + 10
ns
T
XHDX
Input data hold after clock high
0
ns
T
XHQZ
Last clock high to output float
2t + 15
ns
† The minimum baud-rate (SP_BAUD) register value is x002H for receptions and x001H for transmissions.
Valid
Valid
Valid
Valid
Valid
Valid
Valid
Valid
RXD
(In)
(Out)
TXD
01
2
3
4
5
6
7
TQVXH
TXLXL
TDVXH
TXHQV
TXHQZ
TXHDX
TXHQX
TXLXH
A2080-02
RXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com