Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960HT Datasheet(PDF) 102 Page - Intel Corporation

Part # 80960HT
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960HT Datasheet(HTML) 102 Page - Intel Corporation

Back Button 80960HT Datasheet HTML 94Page - Intel Corporation 80960HT Datasheet HTML 95Page - Intel Corporation 80960HT Datasheet HTML 96Page - Intel Corporation 80960HT Datasheet HTML 97Page - Intel Corporation 80960HT Datasheet HTML 98Page - Intel Corporation 80960HT Datasheet HTML 99Page - Intel Corporation 80960HT Datasheet HTML 100Page - Intel Corporation 80960HT Datasheet HTML 101Page - Intel Corporation 80960HT Datasheet HTML 102Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 102 / 102 page
background image
80960HA/HD/HT
96
Advance Information Datasheet
Table 26. Data Sheet Version -006 to -007 Revision History
Section
Description
Entire data sheet
Formatted in new template.
“32-Bit Parallel Architecture” on page 1
Revised “1.2 Gbyte Internal Bandwith (75 MHz) to
“1.28 Gbyte ... (80 MHz)”.
Copyright Page
Updated legal text.
Section 3.0, “Package Information” on page 6
Added paaragraph two and Table 5.
Table 7 “80960Hx Processor Family Pin Descriptions”
on page 8
Corrected minor typeset and spacing errors.
BREQ; Revised description.
ONCE; last sentence, changed “low” to “high”.
TDI and TMS; removed last sentence, “Pull this pin
low when not in use.”
Figure 2 “80960Hx 168-Pin PGA Pinout — View from
Top (Pins Facing Down)” on page 12
Added insert package marking diagram.
Figure 4 “80960Hx 208-Pin PQ4 Pinout” on page 18
Added insert package marking diagram.
Table 10 “80960Hx PQ4 Pinout — Signal Name
Order” on page 19
Corrected TDO (“O” was zero) and revised
alphabetical ordering.
Table 11 “80960Hx PQ4 Pinout — Pin Number Order”
on page 21
Corrected TDO (“O” was zero) and revised
alphabetical ordering.
Section 4.1, “Absolute Maximum Ratings” on page 29
Revised “VCC” to “VCC5” for “Voltage on Other Pins
...”.
Section 4.5, “VCCPLL Pin Requirements” on page 31
Added section.
Table 21 “80960Hx DC Characteristics” on page 32
Added footnote (1) to “ILO” notes column for “TDO”
pin.
Added footnote (10) to “CIN,COUT and CI/O”pin.
Table 22 “80960Hx AC Characteristics” on page 34
Added overbars where required.
Modified “TDVNH” to list separate specifications for 3.3
V and 5 V.
Modified “TOV2,TOH2 and TTVEL” to reflect specific
80960HA, 80960HD and 80960HT values.
Figure23“ICC Active (Power Supply) vs. Frequency”
on page 43
Changed “5” to “0” on “CLKIN Frequency” axis.
Figure 49 “BREQ and BSTALL Operation” on page 66
Added figure and following text.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com