Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960HT Datasheet(PDF) 12 Page - Intel Corporation

Part # 80960HT
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960HT Datasheet(HTML) 12 Page - Intel Corporation

Back Button 80960HT Datasheet HTML 8Page - Intel Corporation 80960HT Datasheet HTML 9Page - Intel Corporation 80960HT Datasheet HTML 10Page - Intel Corporation 80960HT Datasheet HTML 11Page - Intel Corporation 80960HT Datasheet HTML 12Page - Intel Corporation 80960HT Datasheet HTML 13Page - Intel Corporation 80960HT Datasheet HTML 14Page - Intel Corporation 80960HT Datasheet HTML 15Page - Intel Corporation 80960HT Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 102 page
background image
80960HA/HD/HT
6
Advance Information Datasheet
3.0
Package Information
This section describes the pins, pinouts and thermal characteristics for the 80960Hx in the 168-pin
ceramic Pin Grid Array (PGA) package, 208-pin PowerQuad2* (PQ4). For complete package
specifications and information, see the Intel Packaging Handbook (Order# 240800).
The 80960HA/HD/HT is offered with eigth speeds and two package types (Table 5). Both the
168-pin ceramic Pin Grid Array (PGA) and the 208-pin PowerQuad2* (PQ4) devices are specified
for operation at VCC = 3.3 V ± 0.15 V over a case temperature range of 0° to 85°C.
Table 5.
80960HA/HD/HT Package Types and Speeds
Package/Name
Device
Core Speed
(MHz)
Bus Speed
(MHz)
Order #
168L PGA
80960HA
25
A80960HA25 S L2GX
33
A80960HA33 S L2GY
40
A80960HA40 S L2GZ
80960HD
32
16
A80960HD32 S L2GG
50
25
A80960HD50 S L2GH
66
33
A80960HD66 S L2GJ
80
40
A80960HD80 S L2GK
80960HT
60
20
A80960HT60
75
25
A80960HT75 S L2GP
208L PQFP
(alsoknownasPQ4)
80960HA
25
FC80960HA25 S L2GU
33
FC80960HA33 S L2GV
40
FC80960HA40 S L2GW
80960HD
32
16
FC80960HD32 S L2GL
50
25
FC80960HD50 S L2GM
66
33
FC80960HD66 S L2GN
80
40
FC80960HD80 S L2LZ
80960HT
60
20
FC80960HT60 S L2G2
75
25
FC80960HT75 S L2GT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com