Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960HT Datasheet(PDF) 50 Page - Intel Corporation

Part # 80960HT
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960HT Datasheet(HTML) 50 Page - Intel Corporation

Back Button 80960HT Datasheet HTML 46Page - Intel Corporation 80960HT Datasheet HTML 47Page - Intel Corporation 80960HT Datasheet HTML 48Page - Intel Corporation 80960HT Datasheet HTML 49Page - Intel Corporation 80960HT Datasheet HTML 50Page - Intel Corporation 80960HT Datasheet HTML 51Page - Intel Corporation 80960HT Datasheet HTML 52Page - Intel Corporation 80960HT Datasheet HTML 53Page - Intel Corporation 80960HT Datasheet HTML 54Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 102 page
background image
80960HA/HD/HT
44
Advance Information Datasheet
Figure 24. ICC Active (Thermal) vs. Frequency
Figure 25. Output Delay or Hold vs. Load Capacitance
CLKIN Frequency (MHz)
200
1400
1200
1000
800
600
400
10
20
30
40
HA
HT
HD
50
100
150
CL (pF)
nom + 10
nom + 5
nom
5.5 V Input Signals
3.3 V Input Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com