Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960HT Datasheet(PDF) 45 Page - Intel Corporation

Part # 80960HT
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960HT Datasheet(HTML) 45 Page - Intel Corporation

Back Button 80960HT Datasheet HTML 41Page - Intel Corporation 80960HT Datasheet HTML 42Page - Intel Corporation 80960HT Datasheet HTML 43Page - Intel Corporation 80960HT Datasheet HTML 44Page - Intel Corporation 80960HT Datasheet HTML 45Page - Intel Corporation 80960HT Datasheet HTML 46Page - Intel Corporation 80960HT Datasheet HTML 47Page - Intel Corporation 80960HT Datasheet HTML 48Page - Intel Corporation 80960HT Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 102 page
background image
80960HA/HD/HT
Advance Information Datasheet
39
Figure 12. Output Float Waveform
Figure 13. Input Setup and Hold Waveform
Figure 14. NMI,XINT7:0 Input Setup and Hold Waveform
Min
Max
TOF
Outputs:
A31:2, D31:0 write only,
DP3:0 write only
PCHK, BE3:0,W/R,D/C,
SUP,ADS,DEN,
LOCK,HOLDA,
CT3:0, WAIT,BLAST,DT/R
CLKIN
1.5 V
1.5 V
CLKIN
Inputs:
1.5 V
1.5 V
1.5 V
Valid
TIS
TIH
READY, HOLD, BTERM,
BOFF, D31:0 on reads,
Min
Min
DP3:0onreads, RESET
CLKIN
1.5 V
1.5 V
1.5 V
Valid
TIS
TIH
NMI, XINT7:0
Min
Min
1.5 V
1.5 V
A
B
A
NOTE:
A and B edges are established by de-assertion of RESET.See Figure 29 “Cold Reset Waveform” on page 46.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com