Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960HT Datasheet(PDF) 14 Page - Intel Corporation

Part # 80960HT
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960HT Datasheet(HTML) 14 Page - Intel Corporation

Back Button 80960HT Datasheet HTML 10Page - Intel Corporation 80960HT Datasheet HTML 11Page - Intel Corporation 80960HT Datasheet HTML 12Page - Intel Corporation 80960HT Datasheet HTML 13Page - Intel Corporation 80960HT Datasheet HTML 14Page - Intel Corporation 80960HT Datasheet HTML 15Page - Intel Corporation 80960HT Datasheet HTML 16Page - Intel Corporation 80960HT Datasheet HTML 17Page - Intel Corporation 80960HT Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 102 page
background image
80960HA/HD/HT
8
Advance Information Datasheet
Table 7.
80960Hx Processor Family Pin Descriptions (Sheet 1 of 4)
Name
Type
Description
A31:2
O
H(Z)
B(Z)
R(Z)
ADDRESS BUS carries the upper 30 bits of the physical address. A31 is the most
significant address bit and A2 is the least significant. During a bus access, A31:2
identify all external addresses to word (4-byte) boundaries. The byte enable
signals indicate the selected byte in each word. During burst accesses, A3 and A2
increment to indicate successive addresses.
D31:0
I/O
S(L)
H(Z)
B(Z)
R(Z)
DATA BUS carries 32, 16, or 8-bit data quantities depending on bus width
configuration. The least significant bit of the data is carried on D0 and the most
significant on D31. The lower 8 data lines (D7:0) are used when the bus is
configured for 8-bit data. When configured for 16-bit data, D15:0 are used.
DP3:0
I/O
S(L)
H(Z)
B(Z)
R(Z)
DATA PARITY carries parity information for the data bus. Each parity bit is
assigned a group of 8 data bus pins as follows:
DP3 generates/checks parity for D31:24
DP2 generates/checks parity for D23:16
DP1 generates/checks parity for D15:8
DP0 generates/checks parity for D7:0
Parity information is generated for a processor write cycle and is checked for a
processor read cycle. Parity checking and polarity are programmable. Parity
generation/checking is only performed for the size of the data accessed.
PCHK
O
H(Q)
B(Q)
R(1)
PARITY CHECK indicates the result of a parity check operation. An asserted
PCHK indicates that the previous bus read access resulted in a parity check error.
BE3:0
O
H(Z)
B(Z)
R(1)
BYTE ENABLES select which of the four bytes addressed by A31:2 are active
during a bus access. Byte enable encoding is dependent on the bus width of the
memory region accessed:
32-bit bus:
BE3 enables D31:24
BE2 enables D23:16
BE1 enables D15:8
BE0 enables D7:0
16-bit bus:
BE3 becomes Byte High Enable (enables D15:8)
BE2 is not used (state is undefined)
BE1 becomes Address Bit 1 (A1)
BE0 becomes Byte Low Enable (enables D7:0)
8-bit bus:
BE3 is not used (state is undefined)
BE2 is not used (state is undefined)
BE1 Address Bit 1 (A1)
BE0 Address Bit 0 (A0)
W/R
O
H(Z)
B(Z)
R(0)
WRITE/READ is low for read accesses and high for write accesses. W/R
becomes valid during the address phase of a bus cycle and remains valid until the
end of the cycle for non-pipelined accesses. For pipelined accesses, W/R
changes state when the next address is presented.
0= Read
1= Write
D/C
O
H(Z)
B(Z)
R(0)
DATA/CODE indicates that a bus access is a data access or an instruction
access. D/C has the same timing as W/R.
0 = Code
1= Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com