Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960HT Datasheet(PDF) 41 Page - Intel Corporation

Part # 80960HT
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960HT Datasheet(HTML) 41 Page - Intel Corporation

Back Button 80960HT Datasheet HTML 37Page - Intel Corporation 80960HT Datasheet HTML 38Page - Intel Corporation 80960HT Datasheet HTML 39Page - Intel Corporation 80960HT Datasheet HTML 40Page - Intel Corporation 80960HT Datasheet HTML 41Page - Intel Corporation 80960HT Datasheet HTML 42Page - Intel Corporation 80960HT Datasheet HTML 43Page - Intel Corporation 80960HT Datasheet HTML 44Page - Intel Corporation 80960HT Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 102 page
background image
80960HA/HD/HT
Advance Information Datasheet
35
TIH2
Input Hold for
READY,BTERM, HOLD, and
BOFF
2.5
ns
Relative Output Timings (1,2,3,6,10)
TAVSH1
A31:2 Valid to ADS Rising
T – 5
T + 5
ns
(10)
TAVSH2
BE3:0,W/R,SUP,D/C Valid to ADS Rising
T – 5
T + 5
ns
(10)
TAVEL1
A31:2 Valid to DEN Falling
T – 5
T + 5
ns
(10)
TAVEL2
BE3:0,W/R,SUP ValidtoDEN Falling
T – 5
T + 5
ns
(10)
TNLQV
WAIT Falling to Output Data Valid
-5
5
ns
(10)
TDVNH
Output Data Valid to WAIT Rising
-5 + N*T
5 + N*T
ns
(4,10)
TNLNH
WAIT Falling to WAIT Rising
-4 + N*T
4 + N*T
ns
(4,10)
TNHQX
Output Data Hold after WAIT Rising
-5 + (N+1)*T
5 + (N+1)*T
ns
(5,10)
TEHTV
DT/R Hold after DEN High
T/2 – 5
Infinite
ns
(10)
TTVEL
DT/R Valid to DEN Falling
80960HA
80960HD
80960HT
T/2 – 4
T/4 – 4
T/6 – 4
ns
ns
ns
(10)
Relative Input Timings (1,7,10)
TIS7
XINT7:0,NMI Input Setup
6
ns
(9)
TIH7
XINT7:0,NMI Input Hold
2.5
ns
(9)
TIS8
RESET Input Setup
3
ns
(8)
TIH8
RESET Input Hold
T/4 + 1
ns
(8)
Table 22. 80960Hx AC Characteristics (Sheet 2 of 2)
Per conditions in Section 4.2, “Operating Conditions” on page 29 and Section 4.7.1, “AC Test Conditions” on page 37.
Symbol
Parameter
Min
Max
Units
Notes
NOTE: See Table 23 “AC Characteristics Notes” on page 36 for all notes related to AC specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com