Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP7 Datasheet(PDF) 2 Page - ABCircuits

Part # TMP7
Description  Thermometer with Seven Segment and Serial Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

TMP7 Datasheet(HTML) 2 Page - ABCircuits

  TMP7 Datasheet HTML 1Page - ABCircuits TMP7 Datasheet HTML 2Page - ABCircuits TMP7 Datasheet HTML 3Page - ABCircuits TMP7 Datasheet HTML 4Page - ABCircuits TMP7 Datasheet HTML 5Page - ABCircuits TMP7 Datasheet HTML 6Page - ABCircuits TMP7 Datasheet HTML 7Page - ABCircuits TMP7 Datasheet HTML 8Page - ABCircuits TMP7 Datasheet HTML 9Page - ABCircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number TMP7
Copyright © 2014 ABCircuits. Revised September 2014 Page 2 of 10
Example Circuit – Stand Alone Thermometer
B
C
G
G
C
B
COM
VCC
10K
TMP7
15
9
16
17
18
19
3
6
7
8
10
11
13
14
22
12
20
23
28
21
4
1
2
5
24
25
26
27
SEGRA
NC
SEGRC
SEGRE
SEGRG
NC
MIN-
SEGLF
SEGLD
SEGLB
SEG3G
SEGRF
SEGRB
VSS
SEGLE
SEGRD
SEGLA
SEGLG
VDD
SEGLC
MAX-
FARH
SEG3B
SEG3C
TEMP
SOUT-
SCALE
POL
VCC
RIGHT COMMON
ANODE DISPLAY
MAX
OPTIONAL 3RD COMMON
ANODE DISPLAY
MIN
t
10K NTC
LEFT COMMON ANODE
DISPLAY
F/C
OPTIONAL SWITCHES
A
B
C
D
E
F
G
G
F
E
D
C
B
A
COM
VCC
VCC
VCC
A
B
C
D
E
F
G
G
F
E
D
C
B
A
COM
Example Circuit – Ethernet Thermometer
+3.3
t
10K NTC
TMP7
15
9
16
17
18
19
3
6
7
8
10
11
13
14
22
12
20
23
28
21
4
1
2
5
24
25
26
27
SEGRA
NC
SEGRC
SEGRE
SEGRG
NC
MIN-
SEGLF
SEGLD
SEGLB
SEG3G
SEGRF
SEGRB
VSS
SEGLE
SEGRD
SEGLA
SEGLG
VDD
SEGLC
MAX-
FARH
SEG3B
SEG3C
TEMP
SOUT-
SCALE
POL
LANTRONIX
XPORT
1
2
3
4
5
6
7
8
GND
+3.3
-POR
OUT
IN
CP1
CP2
CP3
+3.3
+3.3
10K



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com