Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP7 Datasheet(PDF) 3 Page - ABCircuits

Part # TMP7
Description  Thermometer with Seven Segment and Serial Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

TMP7 Datasheet(HTML) 3 Page - ABCircuits

  TMP7 Datasheet HTML 1Page - ABCircuits TMP7 Datasheet HTML 2Page - ABCircuits TMP7 Datasheet HTML 3Page - ABCircuits TMP7 Datasheet HTML 4Page - ABCircuits TMP7 Datasheet HTML 5Page - ABCircuits TMP7 Datasheet HTML 6Page - ABCircuits TMP7 Datasheet HTML 7Page - ABCircuits TMP7 Datasheet HTML 8Page - ABCircuits TMP7 Datasheet HTML 9Page - ABCircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number TMP7
Copyright © 2014 ABCircuits. Revised September 2014 Page 3 of 10
Example Circuit – USB Thermometer
TMP7
15
9
16
17
18
19
3
6
7
8
10
11
13
14
22
12
20
23
28
21
4
1
2
5
24
25
26
27
SEGRA
NC
SEGRC
SEGRE
SEGRG
NC
MIN-
SEGLF
SEGLD
SEGLB
SEG3G
SEGRF
SEGRB
VSS
SEGLE
SEGRD
SEGLA
SEGLG
VDD
SEGLC
MAX-
FARH
SEG3B
SEG3C
TEMP
SOUT-
SCALE
POL
10K
VCC
t
10K NTC
4.7
.01
REFER TO FT232 DATASHEET
FOR MORE DETAILS
CASE
USB
1
2
3
4
5
VCC
BEAD
VCC
.1
FT232-SSOP
14
13
22
23
11
2
5
1
19
16
15
8
24
27
28
3
6
9
10
12
CBUS3
CBUS2
CBUS1
CBUS0
-CTS
DTR
RXD
TXD
-RST
USBM
USBP
NC
NC
OSCI
OSCO
RTS
RI
DSR
DCD
CBUS4
.1
Example Circuit – RS-232 Thermometer
.1
VCC
t
10K NTC
RXD
VCC
GND
10K
TMP7
15
9
16
17
18
19
3
6
7
8
10
11
13
14
22
12
20
23
28
21
4
1
2
5
24
25
26
27
SEGRA
NC
SEGRC
SEGRE
SEGRG
NC
MIN-
SEGLF
SEGLD
SEGLB
SEG3G
SEGRF
SEGRB
VSS
SEGLE
SEGRD
SEGLA
SEGLG
VDD
SEGLC
MAX-
FARH
SEG3B
SEG3C
TEMP
SOUT-
SCALE
POL
.1
U2= MAX3232 FOR 3V RS232
RS232
U2= MAX232 FOR 5V RS232
DB9S
1
2
3
4
5
6
7
8
8
9
TXD
VCC
VCC
U2
SEE NOTES
1
3
4
5
2
6
11
14
10
7
12
13
9
8
C1+
C1-
C2+
C2-
V+
V-
T1in
T1out
T2in
T2out
R1out
R1in
R2out
R2in
.1
.1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com