Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP7 Datasheet(PDF) 8 Page - ABCircuits

Part # TMP7
Description  Thermometer with Seven Segment and Serial Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

TMP7 Datasheet(HTML) 8 Page - ABCircuits

Back Button TMP7 Datasheet HTML 2Page - ABCircuits TMP7 Datasheet HTML 3Page - ABCircuits TMP7 Datasheet HTML 4Page - ABCircuits TMP7 Datasheet HTML 5Page - ABCircuits TMP7 Datasheet HTML 6Page - ABCircuits TMP7 Datasheet HTML 7Page - ABCircuits TMP7 Datasheet HTML 8Page - ABCircuits TMP7 Datasheet HTML 9Page - ABCircuits TMP7 Datasheet HTML 10Page - ABCircuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number TMP7
Copyright © 2014 ABCircuits. Revised September 2014 Page 8 of 10
Using Drivers For Brighter D isplays
VCC
VCC
A
B
C
D
E
F
G
G
F
E
D
C
B
A
COM
A
B
C
D
E
F
G
G
F
E
D
C
B
A
COM
OPTIONAL 3RD COMMON
ANODE DISPLAY
ULN2804
2
3
4
5
6
7
8
10
11
12
13
14
15
16
9
17
IN2
IN3
IN4
IN5
IN6
IN7
IN8
COM
OUT8
OUT7
OUT6
OUT5
OUT4
OUT3
GND
OUT2
RIGHT COMMON
ANODE DISPLAY
LEFT COMMON ANODE
DISPLAY
ULN2804
2
3
4
5
6
7
8
10
11
12
13
14
15
16
9
17
IN2
IN3
IN4
IN5
IN6
IN7
IN8
COM
OUT8
OUT7
OUT6
OUT5
OUT4
OUT3
GND
OUT2
VCC
B
C
G
G
C
B
COM
VCC
t
10K NTC
VCC
VCC
TMP7
15
9
16
17
18
19
3
6
7
8
10
11
13
14
22
12
20
23
28
21
4
1
2
5
24
25
26
27
SEGRA
NC
SEGRC
SEGRE
SEGRG
NC
MIN-
SEGLF
SEGLD
SEGLB
SEG3G
SEGRF
SEGRB
VSS
SEGLE
SEGRD
SEGLA
SEGLG
VDD
SEGLC
MAX-
FARH
SEG3B
SEG3C
TEMP
SOUT-
SCALE
POL
VCC
10K
ULN2804
2
3
4
5
6
7
8
10
11
12
13
14
15
16
9
17
IN2
IN3
IN4
IN5
IN6
IN7
IN8
COM
OUT8
OUT7
OUT6
OUT5
OUT4
OUT3
GND
OUT2
VCC
Absolute Maximum Ratings
Symbol
Description
Min
Typical
Max
Units
Notes
Tstg
Storage Temperature
-55
25
+100
ºC
Ta
Operating Temperature
-40
+85
ºC
Vdd
Vdd - Vss Voltage
-0.5
+6.0
V
Vio
Input Voltage
Vss - 0.5
Vdd +0.5
V
Imio
Maximum current into any pin
-25
+50
mA
ESD
Electrostatic Discharge Voltage
2000
V
Human Body Model
ESD
LU
Latch up current
200
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com