Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP7 Datasheet(PDF) 9 Page - ABCircuits

Part # TMP7
Description  Thermometer with Seven Segment and Serial Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

TMP7 Datasheet(HTML) 9 Page - ABCircuits

Back Button TMP7 Datasheet HTML 2Page - ABCircuits TMP7 Datasheet HTML 3Page - ABCircuits TMP7 Datasheet HTML 4Page - ABCircuits TMP7 Datasheet HTML 5Page - ABCircuits TMP7 Datasheet HTML 6Page - ABCircuits TMP7 Datasheet HTML 7Page - ABCircuits TMP7 Datasheet HTML 8Page - ABCircuits TMP7 Datasheet HTML 9Page - ABCircuits TMP7 Datasheet HTML 10Page - ABCircuits  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number TMP7
Copyright © 2014 ABCircuits. Revised September 2014 Page 9 of 10
DC Electrical Characteristics
Symbol
Description
Min
Typical
Max
Units
Notes
Vdd
Supply Voltage
3.3
5.25
V
Idd
Supply Current
20
mA
Note 1
Voh
High Output Level
Vdd - 1.0
V
Note 2
Vol
Low Output Voltage
0.75
V
Note 3
Vih
Input High Level
2.1
V
Vil
Input Low Level
0.8
V
Ioh
High Level Source Current
10
mA
Note 2
Iol
Low Level Sink Current
25
mA
Note 3
Cio
Capacitive load
3.5
10
pF
Iil
Input leakage
1
nA
Rpu
Pull Up Resistors On Inputs
4
5.6
8
k?
Note 1: Vdd=5VDC, all inputs and outputs open
Note 2 Ioh=10 mA max per pin, 80 mA maximum all pins combined
Note 3 Iol=25 mA max per pin 150 mA maximum all pins combined
Theory Of Operation
The TMP7 IC is a custom programmed microprocessor designed to monitor the analog voltage
on the TEMP input with a 12 bit A/D. The input is read 16 times and averaged. The value read is
converted to the desired scale and displayed on seven segment displays and sent to the serial
output.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com