Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP7 Datasheet(PDF) 5 Page - ABCircuits

Part # TMP7
Description  Thermometer with Seven Segment and Serial Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

TMP7 Datasheet(HTML) 5 Page - ABCircuits

  TMP7 Datasheet HTML 1Page - ABCircuits TMP7 Datasheet HTML 2Page - ABCircuits TMP7 Datasheet HTML 3Page - ABCircuits TMP7 Datasheet HTML 4Page - ABCircuits TMP7 Datasheet HTML 5Page - ABCircuits TMP7 Datasheet HTML 6Page - ABCircuits TMP7 Datasheet HTML 7Page - ABCircuits TMP7 Datasheet HTML 8Page - ABCircuits TMP7 Datasheet HTML 9Page - ABCircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number TMP7
Copyright © 2014 ABCircuits. Revised September 2014 Page 5 of 10
Pin Description
Pin #
Description
Pin #
Description
1
FARH
28
VDD
2
SEG3B
27
POL
3
MIN-
26
SCALE
4
MAX-
25
SOUT-
5
SEG3C
24
TEMP
6
SEGLF
23
SEGLG
7
SEGLD
22
SEGLE
8
SEGLB
21
SEGLC
9
NC
20
SEGLA
10
SEG3G
19
NC
11
SEGRF
18
SEGRG
12
SEGRD
17
SEGRE
13
SEGRB
16
SEGRC
14
VSS
15
SEGRA
POL
Polarity input. If this pin is open or high, the “on” segments will have a high level on the SEG
outputs of the chip. If this pin is low or grounded “on” segments will output as a low on the SEG
pins. This pin is read once at power up and has a built in pull up resistor.
TEMP
This is the analog input for the temperature. A 10K precision resistor and a 10K NTC thermister
are connected to this input for temperature measurement. The thermister should have a B25/B5
ratio of 3977K. These thermisters are available from Murata, Vishay, US Sensor, and other
companies. This input is a sensitive analog input and should be protected from noise.
This input may also be connected to any analog device with an output of 0 to VCC volts. In this
case, the input must be protected from voltages greater than VCC or lower than ground.
MIN-
This optional input displays the lowest temperature since power was applied. If both MIN- and
MAX- are low, the minimum temperature is reset to the current temperature. This input has a
built in pull up resistor. This input has no effect on the serial output.
MAX-
This optional input displays the highest temperature since power was applied. If both MIN- and
MAX- are low, the maximum temperature is reset to the current temperature. This input has a
built in pull up resistor. This input has no effect on the serial output.
SCALE and FARH
These two inputs select the scale to be used, degrees C, degrees F, Percentage, or Raw data.
These inputs have a built in pull up resistors. These inputs are read before every display update
and serial output.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com