Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C187 Datasheet(PDF) 13 Page - Intel Corporation

Part # 80C187
Description  80-BIT MATH COPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C187 Datasheet(HTML) 13 Page - Intel Corporation

Back Button 80C187 Datasheet HTML 9Page - Intel Corporation 80C187 Datasheet HTML 10Page - Intel Corporation 80C187 Datasheet HTML 11Page - Intel Corporation 80C187 Datasheet HTML 12Page - Intel Corporation 80C187 Datasheet HTML 13Page - Intel Corporation 80C187 Datasheet HTML 14Page - Intel Corporation 80C187 Datasheet HTML 15Page - Intel Corporation 80C187 Datasheet HTML 16Page - Intel Corporation 80C187 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
80C187
and exception When loading a signalling NaN
FLD
singledouble precision signals an invalid-
operand exception
16 The 80C187 only generates quiet NaNs (as on
the 8087) however the 80C187 distinguishes
between quiet NaNs and signalling NaNs Sig-
nalling NaNs trigger exceptions when they are
used as operands quiet NaNs do not (except for
FCOM FIST and FBSTP which also raise IE for
quiet NaNs)
17 When stack overflow occurs during FPTAN and
overflow is masked both ST(0) and ST(1) con-
tain quiet NaNs The 8087 leaves the original
operand in ST(1) intact
18 When the scaling factor is g % the FSCALE
(ST(0)
ST(1) instruction behaves as follows
(ST(0) and ST(1) contain the scaled and scaling
operands respectively)
 FSCALE (0 %) generates the invalid opera-
tion exception
 FSCALE (finite b%) generates zero with the
same sign as the scaled operand
 FSCALE (finite a %) generates % with the
same sign as the scaled operand
The 8087 returns zero in the first case and rais-
es the invalid-operation exception in the other
cases
19 The 80C187 returns signed infinityzero as the
unmasked response to massive overflowunder-
flow The 8087 supports a limited range for the
scaling factor within this range either massive
overflowunderflow do not occur or undefined
results are produced
Table 7 Pin Summary
Pin
Function
Active
Input
Name
State
Output
CLK
CLocK
I
CKM
ClocKing Mode
I
RESET
System reset
High
I
PEREQ
Processor Extension
High
O
REQuest
BUSY
Busy status
High
O
ERROR
Error status
Low
O
D15–D0
Data pins
High
IO
NPRD
Numeric Processor ReaD
Low
I
NPWR
Numeric Processor WRite
Low
I
NPS1
NPX select
1
Low
I
NPS2
NPX select
2
High
I
CMD0
CoMmanD 0
High
I
CMD1
CoMmanD 1
High
I
VCC
System power
I
VSS
System ground
I
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com