Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C187 Datasheet(PDF) 14 Page - Intel Corporation

Part # 80C187
Description  80-BIT MATH COPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C187 Datasheet(HTML) 14 Page - Intel Corporation

Back Button 80C187 Datasheet HTML 10Page - Intel Corporation 80C187 Datasheet HTML 11Page - Intel Corporation 80C187 Datasheet HTML 12Page - Intel Corporation 80C187 Datasheet HTML 13Page - Intel Corporation 80C187 Datasheet HTML 14Page - Intel Corporation 80C187 Datasheet HTML 15Page - Intel Corporation 80C187 Datasheet HTML 16Page - Intel Corporation 80C187 Datasheet HTML 17Page - Intel Corporation 80C187 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
80C187
HARDWARE INTERFACE
In the following description of hardware interface an
overbar above a signal name indicates that the ac-
tive or asserted state occurs when the signal is at a
low voltage When no overbar is present above the
signal name the signal is asserted when at the high
voltage level
Signal Description
In the following signal descriptions the 80C187 pins
are grouped by function as follows
1 Execution Control
CLK CKM RESET
2 NPX Handshake
PEREQ BUSY ERROR
3 Bus Interface Pins
D15–D0 NPWR NPRD
4 ChipPort Select
NPS1 NPS2 CMD0 CMD1
5 Power Supplies
VCC VSS
Table 7 lists every pin by its identifier gives a brief
description of its function and lists some of its char-
acteristics Figure 7 shows the locations of pins on
the CERDIP package while Figure 8 shows the loca-
tions of pins on the PLCC package Table 8 helps to
locate pin identifiers in Figures 7 and 8
Clock (CLK)
This input provides the basic timing for internal oper-
ation This pin does not require MOS-level input it
will operate at either TTL or MOS levels up to the
maximum allowed frequency A minimum frequency
must be provided to keep the internal logic properly
functioning Depending on the signal on CKM the
signal on CLK can be divided by two to produce the
internal clock signal (in which case CLK may be up
to 32 MHz in frequency) or can be used directly (in
which case CLK may be up to 125 MHz)
Clocking Mode (CKM)
This pin is a strapping option When it is strapped to
VCC (HIGH) the CLK input is used directly when
strapped to VSS (LOW) the CLK input is divided by
two to produce the internal clock signal During the
RESET sequence this input must be stable at least
four internal clock cycles (ie CLK clocks when CKM
is HIGH 2 c CLK clocks when CKM is LOW) before
RESET goes LOW
270640 – 5
NC e Pin Not Connected
Figure 7 CERDIP Pin Configuration
270640 – 6
NC e Pin Not Connected
‘‘Top View’’ means as the package is seen from the
component side of the board
Figure 8 PLCC Pin Configuration
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com