Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C187 Datasheet(PDF) 21 Page - Intel Corporation

Part # 80C187
Description  80-BIT MATH COPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C187 Datasheet(HTML) 21 Page - Intel Corporation

Back Button 80C187 Datasheet HTML 17Page - Intel Corporation 80C187 Datasheet HTML 18Page - Intel Corporation 80C187 Datasheet HTML 19Page - Intel Corporation 80C187 Datasheet HTML 20Page - Intel Corporation 80C187 Datasheet HTML 21Page - Intel Corporation 80C187 Datasheet HTML 22Page - Intel Corporation 80C187 Datasheet HTML 23Page - Intel Corporation 80C187 Datasheet HTML 24Page - Intel Corporation 80C187 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
80C187
ELECTRICAL DATA
Absolute Maximum Ratings
Case Temperature Under Bias (TC)
0 Cto a85 C
Storage Temperature
b
65 Cto a150 C
Voltage on Any Pin
with Respect to Ground
b
05V to VCC a05V
Power Dissipation15W
Power and Frequency Requirements
The typical relationship between ICC and the fre-
quency of operation F is as follows
ICCtyp e 55a 5 F mA
where F is in MHz
When the frequency is reduced below the minimum
operating frequency specified in the AC Characteris-
tics table the internal states of the 80C187 may be-
come indeterminate The 80C187 clock cannot be
stopped otherwise ICC would increase significantly
beyond what the equation above indicates
NOTICE This is a production data sheet The specifi-
cations are subject to change without notice
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
DC Characteristics TC e 0 Cto a85 C VCC ea5V g10%
Symbol
Parameter
Min
Max
Units
Test Conditions
VIL
Input LOW Voltage
b
05
a
08
V
VIH
Input HIGH Voltage
20
VCC a05
V
VICL
Clock Input LOW Voltage
b
05
a
08
V
VICH
Clock Input HIGH Voltage
20
VCC a05
V
VOL
Output LOW Voltage
045
V
IOL e 30 mA
VOH
Output HIGH Voltage
24
V
IOH eb04 mA
ICC
Power Supply Current
156
mA
16 MHz
135
mA
125 MHz
ILI
Input Leakage Current
g
10
m
A0V s VIN s VCC
ILO
IO Leakage Current
g
10
m
A
045V s VOUT s VCC b 045V
CIN
Input Capacitance
10
pF
FC e 1 MHz
CO
IO or Output Capacitance
12
pF
FC e 1 MHz
CCLK
Clock Capacitance
20
pF
FC e 1 MHz
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com