| Electronic Components Datasheet Search |
|
80C187 Datasheet(PDF) 3 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
80C187 Datasheet(HTML) 3 Page - Intel Corporation |
|
3 / 30 page ![]() 80C187 80C187 Data Registers 79 78 64 63 0 R0 SIGN EXPONENT SIGNIFICAND R1 R2 R3 R4 R5 R6 R7 15 0 15 0 CONTROL REGISTER INSTRUCTION POINTER STATUS REGISTER DATA POINTER TAG WORD Figure 2 Register Set FUNCTIONAL DESCRIPTION The 80C187 Math Coprocessor provides arithmetic instructions for a variety of numeric data types It also executes numerous built-in transcendental functions (eg tangent sine cosine and log func- tions) The 80C187 effectively extends the register and instruction set of the 80C186 CPU for existing data types and adds several new data types as well Figure 2 shows the additional registers visible to pro- grams in a system that includes the 80C187 Essen- tially the 80C187 can be treated as an additional resource or an extension to the CPU The 80C186 CPU together with an 80C187 can be used as a sin- gle unified system A 80C186 system that includes the 80C187 is com- pletely upward compatible with software for the 80868087 The 80C187 interfaces only with the 80C186 CPU The interface hardware for the 80C187 is not imple- mented on the 80C188 PROGRAMMING INTERFACE The 80C187 adds to the CPU additional data types registers instructions and interrupts specifically de- signed to facilitate high-speed numerics processing All new instructions and data types are directly sup- ported by the assembler and compilers for high-level languages The 80C187 also supports the full 80387DX instruction set All communication between the CPU and the 80C187 is transparent to applications software The CPU automatically controls the 80C187 whenever a numerics instruction is executed All physical memo- ry and virtual memory of the CPU are available for storage of the instructions and operands of pro- grams that use the 80C187 All memory addressing modes are available for addressing numerics oper- ands The end of this data sheet lists by class the instruc- tions that the 80C187 adds to the instruction set NOTE The 80C187 Math Coprocessor is also referred to as a Numeric Processor Extension (NPX) in this document Data Types Table 1 lists the seven data types that the 80C187 supports and presents the format for each type Op- erands are stored in memory with the least signifi- cant digit at the lowest memory address Programs retrieve these values by generating the lowest ad- dress For maximum system performance all oper- ands should start at even physical-memory address- es operands may begin at odd addresses but will require extra memory cycles to access the entire op- erand Internally the 80C187 holds all numbers in the ex- tended-precision real format Instructions that load operands from memory automatically convert oper- ands represented in memory as 16- 32- or 64-bit integers 32- or 64-bit floating-point numbers or 18- digit packed BCD numbers into extended-precision real format Instructions that store operands in mem- ory perform the inverse type conversion 3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |