Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C187 Datasheet(PDF) 4 Page - Intel Corporation

Part # 80C187
Description  80-BIT MATH COPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C187 Datasheet(HTML) 4 Page - Intel Corporation

  80C187 Datasheet HTML 1Page - Intel Corporation 80C187 Datasheet HTML 2Page - Intel Corporation 80C187 Datasheet HTML 3Page - Intel Corporation 80C187 Datasheet HTML 4Page - Intel Corporation 80C187 Datasheet HTML 5Page - Intel Corporation 80C187 Datasheet HTML 6Page - Intel Corporation 80C187 Datasheet HTML 7Page - Intel Corporation 80C187 Datasheet HTML 8Page - Intel Corporation 80C187 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
80C187
Numeric Operands
A typical NPX instruction accepts one or two oper-
ands and produces one (or sometimes two) results
In two-operand instructions one operand is the con-
tents of an NPX register while the other may be a
memory location The operands of some instructions
are predefined for example FSQRT always takes
the square root of the number in the top stack ele-
ment (refer to the section on Data Registers)
Register Set
Figure 2 shows the 80C187 register set When an
80C187 is present in a system programmers may
use these registers in addition to the registers nor-
mally available on the CPU
DATA REGISTERS
80C187 computations use the extended-precision
real data type
Table 1 Data Type Representation in Memory
270640 – 2
NOTES
1 S e Sign bit (0 e Positive 1 e Negative)
2 dn e Decimal digit (two per byte)
3 X e Bits have no significance 80C187 ignores when loading zeros when storing
4 U e Position of implicit binary point
5 I e Integer bit of significand stored in temporary real implicit in single and double precision
6 Exponent Bias (normalized values)
Single 127 (7FH)
Double 1023 (3FFH)
Extended Real 16383 (3FFFH)
7 Packed BCD (b1)S (D17
D0)
8 Real (b1)S (2E-BIAS)(F0 F1
)
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com