Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C55 Datasheet(PDF) 17 Page - Intel Corporation

Part # 82C55
Description  CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82C55 Datasheet(HTML) 17 Page - Intel Corporation

Back Button 82C55 Datasheet HTML 13Page - Intel Corporation 82C55 Datasheet HTML 14Page - Intel Corporation 82C55 Datasheet HTML 15Page - Intel Corporation 82C55 Datasheet HTML 16Page - Intel Corporation 82C55 Datasheet HTML 17Page - Intel Corporation 82C55 Datasheet HTML 18Page - Intel Corporation 82C55 Datasheet HTML 19Page - Intel Corporation 82C55 Datasheet HTML 20Page - Intel Corporation 82C55 Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
82C55A
Reading Port C Status
In Mode 0 Port C transfers data to or from the pe-
ripheral device When the 82C55A is programmed to
function in Modes 1 or 2 Port C generates or ac-
cepts ‘‘hand-shaking’’ signals with the peripheral de-
vice Reading the contents of Port C allows the pro-
grammer to test or verify the ‘‘status’’ of each pe-
ripheral device and change the program flow ac-
cordingly
There is no special instruction to read the status in-
formation from Port C A normal read operation of
Port C is executed to perform this function
INPUT CONFIGURATION
D7
D6
D5
D4
D3
D2
D1
D0
IO IO IBFA INTEA INTRA INTEB IBFB INTRB
GROUP A
GROUP B
OUTPUT CONFIGURATIONS
D7
D6
D5 D4
D3
D2
D1
D0
OBFA INTEA IO IO INTRA INTEB OBFB INTRB
GROUP A
GROUP B
Figure 17a MODE 1 Status Word Format
D7
D6
D5
D4
D3
D2
D1
D0
OBFA INTE1 IBFA INTE2 INTRA
GROUP A
GROUP B
(Defined By Mode 0 or Mode 1 Selection)
Figure 17b MODE 2 Status Word Format
Interrupt Enable Flag
Position
Alternate Port C Pin Signal (Mode)
INTE B
PC2
ACKB (Output Mode 1) or STBB (Input Mode 1)
INTE A2
PC4
STBA (Input Mode 1 or Mode 2)
INTE A1
PC6
ACKA (Output Mode 1 or Mode 2
Figure 18 Interrupt Enable Flags in Modes 1 and 2
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com