Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C55 Datasheet(PDF) 1 Page - Intel Corporation

Part # 82C55
Description  CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82C55 Datasheet(HTML) 1 Page - Intel Corporation

  82C55 Datasheet HTML 1Page - Intel Corporation 82C55 Datasheet HTML 2Page - Intel Corporation 82C55 Datasheet HTML 3Page - Intel Corporation 82C55 Datasheet HTML 4Page - Intel Corporation 82C55 Datasheet HTML 5Page - Intel Corporation 82C55 Datasheet HTML 6Page - Intel Corporation 82C55 Datasheet HTML 7Page - Intel Corporation 82C55 Datasheet HTML 8Page - Intel Corporation 82C55 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
October 1995
Order Number 231256-004
82C55A
CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
Y
Compatible with all Intel and Most
Other Microprocessors
Y
High Speed ‘‘Zero Wait State’’
Operation with 8 MHz 808688 and
80186188
Y
24 Programmable IO Pins
Y
Low Power CHMOS
Y
Completely TTL Compatible
Y
Control Word Read-Back Capability
Y
Direct Bit SetReset Capability
Y
25 mA DC Drive Capability on all IO
Port Outputs
Y
Available in 40-Pin DIP and 44-Pin PLCC
Y
Available in EXPRESS
Standard Temperature Range
Extended Temperature Range
The Intel 82C55A is a high-performance CHMOS version of the industry standard 8255A general purpose
programmable IO device which is designed for use with all Intel and most other microprocessors It provides
24 IO pins which may be individually programmed in 2 groups of 12 and used in 3 major modes of operation
The 82C55A is pin compatible with the NMOS 8255A and 8255A-5
In MODE 0 each group of 12 IO pins may be programmed in sets of 4 and 8 to be inputs or outputs In
MODE 1 each group may be programmed to have 8 lines of input or output 3 of the remaining 4 pins are used
for handshaking and interrupt control signals MODE 2 is a strobed bi-directional bus configuration
The 82C55A is fabricated on Intel’s advanced CHMOS III technology which provides low power consumption
with performance equal to or greater than the equivalent NMOS product The 82C55A is available in 40-pin
DIP and 44-pin plastic leaded chip carrier (PLCC) packages
231256 – 1
Figure 1 82C55A Block Diagram
231256 – 31
231256 – 2
Figure 2 82C55A Pinout
Diagrams are for pin reference only Package
sizes are not to scale


Similar Part No. - 82C55

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
82C55 OKI-82C55 Datasheet
189Kb / 26P
CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Toshiba Semiconductor
82C55 TOSHIBA-82C55 Datasheet
781Kb / 39P
CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Intersil Corporation
82C55 INTERSIL-82C55 Datasheet
233Kb / 26P
CMOS Programmable Peripheral Interface
June 1998
82C55 INTERSIL-82C55 Datasheet
165Kb / 23P
Radiation Hardened CMOS Programmable Peripheral Interface
September 1995
logo
List of Unclassifed Man...
82C55 ETC-82C55 Datasheet
451Kb / 21P
STARLAN HUB CONTROLLER
More results

Similar Description - 82C55

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5L8255AP-5 MITSUBISHI-M5L8255AP-5 Datasheet
1Mb / 18P
PROGRAMMABLE PERIPHERAL INTERFACE
logo
Toshiba Semiconductor
TMP8255A TOSHIBA-TMP8255A Datasheet
685Kb / 19P
PROGRAMMABLE PERIPHERAL INTERFACE
TMP82C255A TOSHIBA-TMP82C255A Datasheet
682Kb / 32P
CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
National Semiconductor ...
INS8255N NSC-INS8255N Datasheet
255Kb / 12P
PROGRAMMABLE PERIPHERAL INTERFACE
logo
NEC
UPD8255A NEC-UPD8255A Datasheet
363Kb / 9P
PROGRAMMABLE PERIPHERAL INTERFACE
logo
Integral Corp.
IN82C55AN INTEGRAL-IN82C55AN Datasheet
341Kb / 21P
CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
National Semiconductor ...
1NS8255 NSC-1NS8255 Datasheet
258Kb / 12P
Programmable Peripheral Interface
logo
KODENSHI_AUK CORP.
KK82C55 KODENSHI-KK82C55 Datasheet
592Kb / 22P
CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Digital Core Design
D8255 DCD-D8255 Datasheet
125Kb / 4P
Programmable Peripheral Interface
logo
Intersil Corporation
CS82C55AZ96 INTERSIL-CS82C55AZ96 Datasheet
560Kb / 29P
CMOS Programmable Peripheral Interface
November 16, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com