Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C55 Datasheet(PDF) 5 Page - Intel Corporation

Part # 82C55
Description  CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82C55 Datasheet(HTML) 5 Page - Intel Corporation

  82C55 Datasheet HTML 1Page - Intel Corporation 82C55 Datasheet HTML 2Page - Intel Corporation 82C55 Datasheet HTML 3Page - Intel Corporation 82C55 Datasheet HTML 4Page - Intel Corporation 82C55 Datasheet HTML 5Page - Intel Corporation 82C55 Datasheet HTML 6Page - Intel Corporation 82C55 Datasheet HTML 7Page - Intel Corporation 82C55 Datasheet HTML 8Page - Intel Corporation 82C55 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
82C55A
82C55A OPERATIONAL DESCRIPTION
Mode Selection
There are three basic modes of operation that can
be selected by the system software
Mode 0
Basic inputoutput
Mode 1
Strobed Inputoutput
Mode 2
Bi-directional Bus
When the reset input goes ‘‘high’’ all ports will be set
to the input mode with all 24 port lines held at a logic
‘‘one’’ level by the internal bus hold devices (see
Figure 4 Note) After the reset is removed the
82C55A can remain in the input mode with no addi-
tional initialization required This eliminates the need
for pullup or pulldown devices in ‘‘all CMOS’’ de-
signs During the execution of the system program
any of the other modes may be selected by using a
single output instruction
This allows a single
82C55A to service a variety of peripheral devices
with a simple software maintenance routine
The modes for Port A and Port B can be separately
defined while Port C is divided into two portions as
required by the Port A and Port B definitions All of
the output registers including the status flip-flops
will be reset whenever the mode is changed Modes
may be combined so that their functional definition
can be ‘‘tailored’’ to almost any IO structure For
instance Group B can be programmed in Mode 0 to
monitor simple switch closings or display computa-
tional results Group A could be programmed in
Mode 1 to monitor a keyboard or tape reader on an
interrupt-driven basis
231256 – 5
Figure 5 Basic Mode Definitions and Bus
Interface
231256 – 6
Figure 6 Mode Definition Format
The mode definitions and possible mode combina-
tions may seem confusing at first but after a cursory
review of the complete device operation a simple
logical IO approach will surface The design of the
82C55A has taken into account things such as effi-
cient PC board layout control signal definition vs PC
layout and complete functional flexibility to support
almost any peripheral device with no external logic
Such design represents the maximum use of the
available pins
Single Bit SetReset Feature
Any of the eight bits of Port C can be Set or Reset
using a single OUTput instruction This feature re-
duces software requirements in Control-based appli-
cations
When Port C is being used as statuscontrol for Port
A or B these bits can be set or reset by using the Bit
SetReset operation just as if they were data output
ports
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com