Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C55 Datasheet(PDF) 20 Page - Intel Corporation

Part # 82C55
Description  CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82C55 Datasheet(HTML) 20 Page - Intel Corporation

Back Button 82C55 Datasheet HTML 15Page - Intel Corporation 82C55 Datasheet HTML 16Page - Intel Corporation 82C55 Datasheet HTML 17Page - Intel Corporation 82C55 Datasheet HTML 18Page - Intel Corporation 82C55 Datasheet HTML 19Page - Intel Corporation 82C55 Datasheet HTML 20Page - Intel Corporation 82C55 Datasheet HTML 21Page - Intel Corporation 82C55 Datasheet HTML 22Page - Intel Corporation 82C55 Datasheet HTML 23Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
82C55A
OTHER TIMINGS
Symbol
Parameter
82C55A-2
Units
Test
Min
Max
Conditions
tWB
WR e 1 to Output
350
ns
tlR
Peripheral Data Before RD
0ns
tHR
Peripheral Data After RD
0ns
tAK
ACK Pulse Width
200
ns
tST
STB Pulse Width
100
ns
tPS
Per Data Before STB High
20
ns
tPH
Per Data After STB High
50
ns
tAD
ACK e 0 to Output
175
ns
tKD
ACK e 1 to Output Float
20
250
ns
tWOB
WR e 1toOBF e 0
150
ns
tAOB
ACK e 0toOBF e 1
150
ns
tSIB
STB e 0toIBF e 1
150
ns
tRIB
RD e 1toIBF e 0
150
ns
tRIT
RD e 0 to INTR e 0
200
ns
tSIT
STB e 1 to INTR e 1
150
ns
tAIT
ACK e 1 to INTR e 1
150
ns
tWIT
WR e 0 to INTR e 0
200
ns
see note 1
tRES
Reset Pulse Width
500
ns
see note 2
NOTE
1 INTR
u may occur as early as WRv
2 Pulse width of initial Reset pulse after power on must be at least 50 mSec Subsequent Reset pulses may be 500 ns
minimum The output Ports A B or C may glitch low during the reset pulse but all port pins will be held at a logic ‘‘one’’ level
after the reset pulse
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com