Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C55 Datasheet(PDF) 3 Page - Intel Corporation

Part # 82C55
Description  CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82C55 Datasheet(HTML) 3 Page - Intel Corporation

  82C55 Datasheet HTML 1Page - Intel Corporation 82C55 Datasheet HTML 2Page - Intel Corporation 82C55 Datasheet HTML 3Page - Intel Corporation 82C55 Datasheet HTML 4Page - Intel Corporation 82C55 Datasheet HTML 5Page - Intel Corporation 82C55 Datasheet HTML 6Page - Intel Corporation 82C55 Datasheet HTML 7Page - Intel Corporation 82C55 Datasheet HTML 8Page - Intel Corporation 82C55 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
82C55A
82C55A FUNCTIONAL DESCRIPTION
General
The 82C55A is a programmable peripheral interface
device designed for use in Intel microcomputer sys-
tems Its function is that of a general purpose IO
component to interface peripheral equipment to the
microcomputer system bus The functional configu-
ration of the 82C55A is programmed by the system
software so that normally no external logic is neces-
sary to interface peripheral devices or structures
Data Bus Buffer
This 3-state bidirectional 8-bit buffer is used to inter-
face the 82C55A to the system data bus Data is
transmitted or received by the buffer upon execution
of input or output instructions by the CPU Control
words and status information are also transferred
through the data bus buffer
ReadWrite and Control Logic
The function of this block is to manage all of the
internal and external transfers of both Data and
Control or Status words It accepts inputs from the
CPU Address and Control busses and in turn issues
commands to both of the Control Groups
Group A and Group B Controls
The functional configuration of each port is pro-
grammed by the systems software In essence the
CPU ‘‘outputs’’ a control word to the 82C55A The
control word contains information such as ‘‘mode’’
‘‘bit set’’ ‘‘bit reset’’ etc
that initializes the func-
tional configuration of the 82C55A
Each of the Control blocks (Group A and Group B)
accepts ‘‘commands’’ from the ReadWrite Control
Logic receives ‘‘control words’’ from the internal
data bus and issues the proper commands to its as-
sociated ports
Control Group A - Port A and Port C upper (C7 – C4)
Control Group B - Port B and Port C lower (C3 – C0)
The control word register can be both written and
read as shown in the address decode table in the
pin descriptions Figure 6 shows the control word
format for both Read and Write operations When
the control word is read bit D7 will always be a logic
‘‘1’’ as this implies control word mode information
Ports A B and C
The 82C55A contains three 8-bit ports (A B and C)
All can be configured in a wide variety of functional
characteristics by the system software but each has
its own special features or ‘‘personality’’ to further
enhance the power and flexibility of the 82C55A
Port A
One 8-bit data output latchbuffer and one
8-bit input latch buffer Both ‘‘pull-up’’ and ‘‘pull-
down’’ bus hold devices are present on Port A
Port B
One 8-bit data inputoutput latchbuffer
Only ‘‘pull-up’’ bus hold devices are present on Port
B
Port C
One 8-bit data output latchbuffer and one
8-bit data input buffer (no latch for input) This port
can be divided into two 4-bit ports under the mode
control Each 4-bit port contains a 4-bit latch and it
can be used for the control signal outputs and status
signal inputs in conjunction with ports A and B Only
‘‘pull-up’’ bus hold devices are present on Port C
See Figure 4 for the bus-hold circuit configuration for
Port A B and C
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com