Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S80C196KB Datasheet(PDF) 9 Page - Intel Corporation

Part # S80C196KB
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80C196KB Datasheet(HTML) 9 Page - Intel Corporation

Back Button S80C196KB Datasheet HTML 5Page - Intel Corporation S80C196KB Datasheet HTML 6Page - Intel Corporation S80C196KB Datasheet HTML 7Page - Intel Corporation S80C196KB Datasheet HTML 8Page - Intel Corporation S80C196KB Datasheet HTML 9Page - Intel Corporation S80C196KB Datasheet HTML 10Page - Intel Corporation S80C196KB Datasheet HTML 11Page - Intel Corporation S80C196KB Datasheet HTML 12Page - Intel Corporation S80C196KB Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
8XC196KB8XC196KB16
DC CHARACTERISTICS (Continued)
Symbol
Description
Min
Typ(7)
Max
Units
Test Conditions
IIL1
Logical 0 Input Current in Reset
b
850
m
AVIN e 045V
BHE WR P20
IIL2
Logical 0 Input Current in Reset
b
7mA
VIN e 045V
ALE RD INST
IIH1
Logical 1 Input Current
100
m
AVIN e 20V
on NMI Pin
Hyst
Hysteresis on RESET Pin
300
mV
ICC
Active Mode Current in Reset
50
60
mA
XTAL1 e 16 MHz
IREF
AD Converter Reference Current
2
5
mA
VCC e VPP e VREF e 55V
IIDLE
Idle Mode Current
10
25
mA
IPD
Powerdown Mode Current
5
30
m
AVCC e VPP e VREF e 55V
RRST
Reset Pullup Resistor
6K
50K
X
CS
Pin Capacitance (Any Pin to VSS)10
pF
FTEST e 10 MHz
NOTES
(Notes apply to all specifications)
1 QBD (Quasi-bidirectional) pins include Port 1 P26 and P27
2 Standard Outputs include AD0 – 15 RD WR ALE BHE INST HSO pins PWMP25 CLKOUT RESET Ports 3 and 4
TXDP20 and RXD (in serial mode 0) The VOH specification is not valid for RESET Ports 3 and 4 are open-drain outputs
3 Standard Inputs include HSI pins EA READY BUSWIDTH NMI RXDP21 EXTINTP22 T2CLKP23 and T2RST
P24
4 Maximum current per pin must be externally limited to the following values if VOL is held above 045V or VOH is held
below VCC b 07V
IOL on Output pins 10 mA
IOH on quasi-bidirectional pins self limiting
IOH on Standard Output pins 10 mA
5 Maximum current per bus pin (data and control) during normal operation is g32 mA
6 During normal (non-transient) conditions the following total current limits apply
Port 1 P26
IOL 29mA
IOH is self limiting
HSO P20 RXD RESET
IOL 29mA
IOH 26mA
P25 P27 WR BHE
IOL 13mA
IOH 11mA
AD0 – AD15
IOL 52mA
IOH 52mA
RD ALE INST – CLKOUT
IOL 13mA
IOH 13mA
7 Typicals are based on a limited number of samples and are not guaranteed The values listed are at room temperature
and VREF e VCC e 5V
ICC Max e 388 c FREQ a 843
270909 – 5
IIDLE Max e 165 c FREQ a 22
Figure 6 ICC and IIDLE vs Frequency
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com