Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S80C196KB Datasheet(PDF) 7 Page - Intel Corporation

Part # S80C196KB
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80C196KB Datasheet(HTML) 7 Page - Intel Corporation

Back Button S80C196KB Datasheet HTML 3Page - Intel Corporation S80C196KB Datasheet HTML 4Page - Intel Corporation S80C196KB Datasheet HTML 5Page - Intel Corporation S80C196KB Datasheet HTML 6Page - Intel Corporation S80C196KB Datasheet HTML 7Page - Intel Corporation S80C196KB Datasheet HTML 8Page - Intel Corporation S80C196KB Datasheet HTML 9Page - Intel Corporation S80C196KB Datasheet HTML 10Page - Intel Corporation S80C196KB Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
8XC196KB8XC196KB16
PIN DESCRIPTIONS (Continued)
Symbol
Name and Function
Port 0
8-bit high impedance input-only port Three pins can be used as digital inputs andor as
analog inputs to the on-chip AD converter
Port 1
8-bit quasi-bidirectional IO port These pins are shared with HOLD HLDA and BREQ
Port 2
8-bit multi-functional port All of its pins are shared with other functions in the 87C196KB
Pins P26 and P27 are quasi-bidirectional
Ports 3 and 4
8-bit bidirectional IO ports with open drain outputs These pins are shared with the
multiplexed addressdata bus which has strong internal pullups
HOLD
Bus Hold input requesting control of the bus Enabled by setting WSR7
HLDA
Bus Hold acknowledge output indicating release of the bus Enabled by setting WSR7
BREQ
Bus Request output activated when the bus controller has a pending external memory
cycle Enabled by setting WSR7
TxD
The TxD pin is used for serial port transmission in Modes 1 2 and 3 In Mode 0 the pin is
used as the serial clock output
RxD
Serial Port Receive pin used for serial port reception In Mode 0 the pin functions as input or
output data
EXTINT
A rising edge on the EXTINT pin will generate an external interrupt
T2CLK
The T2CLK pin is the Timer2 clock input or the serial port baud rate generator input
T2RST
A rising edge on the T2RST pin will reset Timer2
PWM
The pulse width modulator output
T2UP-DN
The T2UPDN pin controls the direction of Timer2 as an up or down counter
T2CAPTURE
A rising edge on P27 will capture the value of Timer2 in the T2CAPTURE register
PMODE
Programming Mode Select Determines the EPROM programming algorithm that is
performed PMODE is sampled after a chip reset and should be static while the part is
operating
SID
Slave ID Number Used to assign each slave a pin of Port 3 or 4 to use for passing
programming verification acknowledgement
PALE
Programming ALE Input Accepted by the 87C196KB when it is in Slave Programming
Mode Used to indicate that Ports 3 and 4 contain a commandaddress
PROG
Programming Falling edge indicates valid data on PBUS and the beginning of
programming Rising edge indicates end of programming
PACT
Programming Active Used in the Auto Programming Mode to indicate when programming
activity is complete
PVAL
Program Valid This signal indicates the success or failure of programming in the Auto
Programming Mode A zero indicates successful programming
PVER
Program Verification Used in Slave Programming and Auto CLB Programming Modes
Signal is low after rising edge of PROG if the programming was not successful
AINC
Auto Increment Active low signal indicates that the auto increment mode is enabled Auto
Increment will allow reading or writing of sequential EPROM locations without address
transactions across the PBUS for each read or write
Ports 3
AddressCommandData Bus Used to pass commands addresses and data to and from
slave mode 87C196KBs Used by chips in Auto Programming Mode to pass command
and 4
addresses and data to slaves Also used in the Auto Programming Mode as a regular
(Programming
system bus to access external memory Should have pullups to VCC when used in slave
Mode)
programming mode
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com