Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S80C196KB Datasheet(PDF) 11 Page - Intel Corporation

Part # S80C196KB
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80C196KB Datasheet(HTML) 11 Page - Intel Corporation

Back Button S80C196KB Datasheet HTML 7Page - Intel Corporation S80C196KB Datasheet HTML 8Page - Intel Corporation S80C196KB Datasheet HTML 9Page - Intel Corporation S80C196KB Datasheet HTML 10Page - Intel Corporation S80C196KB Datasheet HTML 11Page - Intel Corporation S80C196KB Datasheet HTML 12Page - Intel Corporation S80C196KB Datasheet HTML 13Page - Intel Corporation S80C196KB Datasheet HTML 14Page - Intel Corporation S80C196KB Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
8XC196KB8XC196KB16
AC CHARACTERISTICS (Continued)
Test Conditions Capacitive load on all pins e 100 pF Rise and fall times e 10 ns FOSC e 1216 MHz
The 87C196KB will meet these specifications
Symbol
Description
Min
Max
Units
Notes
FXTAL
Frequency on XTAL1 12 MHz
35
120
MHz
(Note 2)
FXTAL
Frequency on XTAL1 16 MHz
35
160
MHz
(Note 2)
TOSC
1FXTAL 12 MHz
833
286
ns
TOSC
1FXTAL 16 MHz
625
286
ns
TXHCH
XTAL1 High to CLKOUT High or Low
a
20
a
110
ns
TCLCL
CLKOUT Cycle Time
2 TOSC
ns
TCHCL
CLKOUT High Period
TOSC b 10
TOSCa10
ns
TCLLH
CLKOUT Falling Edge to ALE Rising
b
10
a
10
ns
TLLCH
ALE Falling Edge to CLKOUT Rising
b
15
a
15
ns
TLHLH
ALE Cycle Time
4 TOSC
ns
(Note 3)
TLHLL
ALE High Period
TOSC b 10
TOSCa10
ns
TAVLL
Address Setup to ALE Falling Edge
TOSC b 20
ns
TLLAX
Address Hold after ALE Falling Edge
TOSC b 40
ns
TLLRL
ALE Falling Edge to RD Falling Edge
TOSC b 35
ns
TRLCL
RD Low to CLKOUT Falling Edge
a
4
a
25
ns
TRLRH
RD Low Period
TOSCb5TOSC a 25
ns
(Note 3)
TRHLH
RD Rising Edge to ALE Rising Edge
TOSC
TOSC a 25
ns
(Note 1)
TRLAZ
RD Low to Address Float
a
5ns
TLLWL
ALE Falling Edge to WR Falling Edge
TOSC b 10
ns
TCLWL
CLKOUT Low to WR Falling Edge
0
a
25
ns
TQVWH
Data Stable to WR Rising Edge
TOSC b 23
ns
(Note 3)
TCHWH
CLKOUT High to WR Rising Edge
b
5
a
15
ns
TWLWH
WR Low Period
TOSC b 15
TOSC a 5
ns
(Note 3)
TWHQX
Data Hold after WR Rising Edge
TOSC b 15
ns
TWHLH
WR Rising Edge to ALE Rising Edge
TOSC b 15
TOSC a 10
ns
(Note 1)
TWHBX
BHE INST HOLD after WR Rising Edge
TOSC b 15
ns
TRHBX
BHE INST HOLD after RD Rising Edge
TOSC b 10
ns
TWHAX
AD8 – 15 hold after WR Rising Edge
TOSC b 30
ns
TRHAX
AD8 – 15 hold after RD Rising Edge
TOSC b 25
ns
NOTES
1 Assuming back-to-back bus cycles
2 Testing performed at 35 MHz however the device is static by design and will typically operate below 1 Hz
3 When using wait states all 2 TOSCa n where n e number of wait states
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com