Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S80C196KB Datasheet(PDF) 6 Page - Intel Corporation

Part # S80C196KB
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80C196KB Datasheet(HTML) 6 Page - Intel Corporation

Back Button S80C196KB Datasheet HTML 2Page - Intel Corporation S80C196KB Datasheet HTML 3Page - Intel Corporation S80C196KB Datasheet HTML 4Page - Intel Corporation S80C196KB Datasheet HTML 5Page - Intel Corporation S80C196KB Datasheet HTML 6Page - Intel Corporation S80C196KB Datasheet HTML 7Page - Intel Corporation S80C196KB Datasheet HTML 8Page - Intel Corporation S80C196KB Datasheet HTML 9Page - Intel Corporation S80C196KB Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
8XC196KB8XC196KB16
PIN DESCRIPTIONS
Symbol
Name and Function
VCC
Main supply voltage (5V)
VSS
Digital circuit ground (0V) There are multiple VSS pins all of them must be connected
VREF
Reference voltage for the AD converter (5V) VREF is also the supply voltage to the analog
portion of the AD converter and the logic used to read Port 0 Must be connected for AD
and Port 0 to function
ANGND
Reference ground for the AD converter Must be held at nominally the same potential as
VSS Connect VSS and ANGND at chip to avoid noise problems
VPP
Programming voltage Also timing pin for the return from power down circuit
XTAL1
Input of the oscillator inverter and of the internal clock generator
XTAL2
Output of the oscillator inverter
CLKOUT
Output of the internal clock generator The frequency of CLKOUT is
the oscillator
frequency It has a 50% duty cycle
RESET
Reset input to and open-drain output from the chip Input low for at least 4 state times to reset
the chip The subsequent low-to-high transition re-synchronizes CLKOUT and commences a
10-state-time RESET sequence
BUSWIDTH
Input for buswidth selection If CCR bit 1 is a one this pin selects the bus width for the bus
cycle in progress If BUSWIDTH is a 1 a 16-bit bus cycle occurs If BUSWIDTH isa0an 8-bit
cycle occurs If CCR bit 1 is a 0 the bus is always an 8-bit bus
NMI
A positive transition causes a vector through 203EH
INST
Output high during an external memory read indicates the read is an instruction fetch and
output low indicates a data fetch INST is valid throughout the bus cycle INST is activated
only during external memory accesses
EA
Input for memory select (External Access) EA equal to a TTL-high causes memory accesses
to locations 2000H through 3FFFH to be directed to on-chip ROMOTPROM EA equal to a
TTL-low causes accesses to these locations to be directed to off-chip memory
ALEADV
Address Latch Enable or Address Valid output as selected by CCR Both pin options provide
a latch to demultiplex the address from the addressdata bus When the pin is ADV it goes
inactive high at the end of the bus cycle ALEADV is activated only during external memory
accesses
RD
Read signal output to external memory RD is activated only during external memory reads
WR WRL
Write and Write Low output to external memory as selected by the CCR WR will go low for
every external write while WRL will go low only for external writes where an even byte is
being written WR WRL is activated only during external memory writes
BHE WRH
Bus High Enable or Write High output to external memory as selected by the CCR BHE will
go low for external writes to the high byte of the data bus WRH will go low for external writes
where an odd byte is being addressed BHE WRH is activated only during external memory
writes
READY
Ready input to lengthen external memory cycles If the pin is low prior to the falling edge of
CLKOUT the memory controller goes into a wait mode until the next positive transition in
CLKOUT occurs with READY high When the external memory is not being used READY has
no effect Internal control of the number of wait states inserted into a bus cycle (held not
ready) is available in the CCR
HSI
Inputs to High Speed Input Unit Four HSI pins are available HSI0 HSI1 HSI2 and HSI3
Two of them (HSI2 and HSI3) are shared with the HSO Unit
HSO
Outputs from High Speed Output Unit Six HSO pins are available HSO0 HSO1 HSO2
HSO3 HSO4 and HSO5 Two of them (HSO4 and HSO5) are shared with the HSI Unit
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com