Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S80C196KB Datasheet(PDF) 18 Page - Intel Corporation

Part # S80C196KB
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80C196KB Datasheet(HTML) 18 Page - Intel Corporation

Back Button S80C196KB Datasheet HTML 14Page - Intel Corporation S80C196KB Datasheet HTML 15Page - Intel Corporation S80C196KB Datasheet HTML 16Page - Intel Corporation S80C196KB Datasheet HTML 17Page - Intel Corporation S80C196KB Datasheet HTML 18Page - Intel Corporation S80C196KB Datasheet HTML 19Page - Intel Corporation S80C196KB Datasheet HTML 20Page - Intel Corporation S80C196KB Datasheet HTML 21Page - Intel Corporation S80C196KB Datasheet HTML 22Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
8XC196KB8XC196KB16
OTPROM SPECIFICATIONS
OTPROM PROGRAMMING OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Units
TA
Ambient Temperature During Programming
20
30
C
VCC VPD VREF(1)
Supply Voltages During Programming
45
55
V
VEA
Programming Mode Supply Voltage
1250
130
V(2)
VPP
EPROM Programming Supply Voltage
1250
130
V(2)
VSS ANGND(3)
Digital and Analog Ground
0
0
V
FOSC
Oscillator Frequency 12 MHz
60
120
MHz
FOSC
Oscillator Frequency 16 MHz
60
160
MHz
NOTES
1 VCC VPD and VREF should nominally be at the same voltage during programming
2 VEA and VPP must never exceed the maximum voltage for any amount of time or the device may be damaged
3 VSS and ANGND should nominally be at the same voltage (0V) during programming
AC OTPROM PROGRAMMING CHARACTERISTICS
Symbol
Description
Min
Max
Units
TSHLL
Reset High to First PALE Low
1100
TOSC
TLLLH
PALE Pulse Width
40
TOSC
TAVLL
Address Setup Time
0
TOSC
TLLAX
Address Hold Time
50
TOSC
TLLVL
PALE Low to PVER Low
60
TOSC
TPLDV
PROG Low to Word Dump Valid
50
TOSC
TPHDX
Word Dump Data Hold
50
TOSC
TDVPL
Data Setup Time
0
TOSC
TPLDX
Data Hold Time
50
TOSC
TPLPH
PROG Pulse Width
40
TOSC
TPHLL
PROG High to Next PALE Low
120
TOSC
TLHPL
PALE High to PROG Low
220
TOSC
TPHPL
PROG High to Next PROG Low
120
TOSC
TPHIL
PROG High to AINC Low
0
TOSC
TILIH
AINC Pulse Width
40
TOSC
TILVH
PVER Hold after AINC Low
50
TOSC
TILPL
AINC Low to PROG Low
170
TOSC
TPHVL
PROG High to PVER Low
90
TOSC
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com