Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M80C286 Datasheet(PDF) 13 Page - Intel Corporation

Part # M80C286
Description  HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C286 Datasheet(HTML) 13 Page - Intel Corporation

Back Button M80C286 Datasheet HTML 9Page - Intel Corporation M80C286 Datasheet HTML 10Page - Intel Corporation M80C286 Datasheet HTML 11Page - Intel Corporation M80C286 Datasheet HTML 12Page - Intel Corporation M80C286 Datasheet HTML 13Page - Intel Corporation M80C286 Datasheet HTML 14Page - Intel Corporation M80C286 Datasheet HTML 15Page - Intel Corporation M80C286 Datasheet HTML 16Page - Intel Corporation M80C286 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
M80C286
Code and data (including stack data) are stored in
two types of segments code segments and data
segments Both types are identified and defined by
segment descriptors (S e 1) Code segments are
identified by the executable (E) bit set to 1 in the
descriptor access rights byte The access rights byte
of both code and data segment descriptor types
have three fields in common present (P) bit De-
scriptor Privilege Level (DPL) and accessed (A) bit
If P e 0 any attempted use of this segment will
cause a not-present exception DPL specifies the
privilege level of the segment descriptor DPL con-
trols when the descriptor may be used by a task
(refer to privilege discussion below) The A bit shows
whether the segment has been previously accessed
for usage profiling a necessity for virtual memory
systems The CPU will always set this bit when ac-
cessing the descriptor
Data segments (S e 1 E e 0) may be either read-
only or read-write as controlled by the W bit of the
access rights byte Read-only (W e 0) data seg-
ments may not be written into Data segments may
grow in two directions as determined by the Expan-
sion Direction (ED) bit upwards (ED e 0) for data
segments and downwards (ED e 1) for a segment
containing a stack The limit field for a data segment
descriptor is interpreted differently depending on the
ED bit (see Figure 11)
A code segment (S e 1 E e 1) may be execute-
only or executeread as determined by the Read-
able (R) bit Code segments may never be written
into and execute-only code segments (R e 0) may
not be read A code segment may also have an attri-
bute called conforming (C) A conforming code seg-
ment may be shared by programs that execute at
different privilege levels The DPL of a conforming
code segment defines the range of privilege levels
at which the segment may be executed (refer to priv-
ilege discussion below) The limit field identifies the
last byte of a code segment
SYSTEM SEGMENT DESCRIPTORS (S e 0
TYPE e 1–3)
In addition to code and data segment descriptors
the protected mode M80C286 defines System Seg-
ment Descriptors These descriptors define special
system data segments which contain a table of de-
scriptors (Local Descriptor Table Descriptor) or seg-
ments which contain the execution state of a task
(Task State Segment Descriptor)
Figure 12 gives the formats for the special system
data segment descriptors The descriptors contain a
24-bit base address of the segment and a 16-bit lim-
it The access byte defines the type of descriptor its
state and privilege level The descriptor contents are
valid and the segment is in physical memory if P e1
If P e 0 the segment is not valid The DPL field is
only used in Task State Segment descriptors and
indicates the privilege level at which the descriptor
may be used (see Privilege) Since the Local De-
scriptor Table descriptor may only be used by a spe-
cial privileged instruction the DPL field is not used
Bit 4 of the access byte is 0 to indicate that it is a
system control descriptor The type field specifies
the descriptor type as indicated in Figure 12
System Segment Descriptor
271103 – 10
Must be set to 0 for compatibility with 80386
System Segment Descriptor Fields
Name
Value
Description
TYPE
1
Available Task State Segment (TSS)
2
Local Descriptor Table
3
Busy Task State Segment (TSS)
P
0
Descriptor contents are not valid
1
Descriptor contents are valid
DPL
0 – 3
Descriptor Privilege Level
BASE
24-bit
Base Address of special system data
number
segment in real memory
LIMIT
16-bit
Offset of last byte in segment
number
Figure 12 System Segment Descriptor Format
GATE DESCRIPTORS (S e 0 TYPE e 4–7)
Gates are used to control access to entry points
within the target code segment The gate descrip-
tors are call gates task gates interrupt gates and
trap gates Gates provide a level of indirection be-
tween the source and destination of the control
transfer This indirection allows the CPU to automati-
cally perform protection checks and control entry
point of the destination Call gates are used to
change privilege levels (see Privilege) task gates
are used to perform a task switch and interrupt and
trap gates are used to specify interrupt service rou-
tines The interrupt gate disables interrupts (resets
IF) while the trap gate does not
Figure 13 shows the format of the gate descriptors
The descriptor contains a destination pointer that
points to the descriptor of the target segment and
the entry point offset The destination selector in an
interrupt gate trap gate and call gate must refer to a
code segment descriptor These gate descriptors
contain the entry point to prevent a program from
constructing and using an illegal entry point Task
gates may only refer to a task state segment Since
task gates invoke a task switch the destination off-
set is not used in the task gate
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com