Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M80C286 Datasheet(PDF) 41 Page - Intel Corporation

Part # M80C286
Description  HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C286 Datasheet(HTML) 41 Page - Intel Corporation

Back Button M80C286 Datasheet HTML 37Page - Intel Corporation M80C286 Datasheet HTML 38Page - Intel Corporation M80C286 Datasheet HTML 39Page - Intel Corporation M80C286 Datasheet HTML 40Page - Intel Corporation M80C286 Datasheet HTML 41Page - Intel Corporation M80C286 Datasheet HTML 42Page - Intel Corporation M80C286 Datasheet HTML 43Page - Intel Corporation M80C286 Datasheet HTML 44Page - Intel Corporation M80C286 Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
M80C286
ABSOLUTE MAXIMUM RATINGS
Case Temperature under Bias
b
55 Cto a125 C
Storage Temperature
b
65 Ctoa150 C
Voltage on Any Pin with
Respect to Ground
b
10V to a7V
Power Dissipation11W
NOTICE This data sheet contains information on
products in the sampling and initial production phases
of development The specifications are subject to
change without notice Verify with your local Intel
Sales office that you have the latest data sheet be-
fore finalizing a design
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
Operating Conditions
Symbol
Description
Min
Max
Units
TC
Case Temperature (Instant On)
b
55
a
125
C
VCC
Digital Supply Voltage
450
550
V
DC CHARACTERISTICS Over Specified Operating Conditions
Symbol
Parameter
Min
Max
Unit
Comments
ICC
Supply Current
200
mA
CL e 100 pF (Note 6)
ICCS
Supply Current (Static)
5
mA
(Note 7)
CCLK
CLK Input Capacitance
20
pF
FREQ e 1 MHz
CIN
Other Input Capacitance
10
pF
FREQ e 1 MHz
CO
InputOutput Capacitance
20
pF
FREQ e 1 MHz
VIL
Input LOW Voltage
b
05
08
V
FREQ e 2 MHz
VIH
Input HIGH Voltage
20
VCC a 05
V
FREQ e 2 MHz
VILC
CLK Input LOW Voltage
b
05
08
V
FREQ e 2 MHz
VIHC
CLK Input HIGH Voltage
38
VCC a 05
V
FREQ e 2 MHz
VOL
Output LOW Voltage
045
V
IOL e 20 mA FREQ e 2 MHz
VOH
Output HIGH Voltage
30
V
IOH eb20 mA FREQ e 2 MHz
VCC b 05
V
IOH eb100 mA FREQ e 2 MHz
ILI
Input Leakage Current
g
10
m
AVIN e GND or VCC (Note 6)
ILO
Output Leakage Current
g
10
m
AVO e GND or VCC (Note 1)
IIL
Input Sustaining Current on
b
30
b
500
m
AVIN e 0V (Note 1)
BUSY
and ERROR
Pins
IBHL
Input Sustaining Current
35
200
m
AVIN e 10V (Notes 1 2)
(Bus Hold LOW)
IBHH
Input Sustaining Current
b
50
b
400
m
AVIN e 30V (Notes 1 3)
(Bus Hold HIGH)
IBHLO
Bus Hold LOW Overdrive
250
m
A
(Notes 1 4)
IBHHO
Bus Hold HIGH Overdrive
b
420
m
A
(Notes 1 5)
NOTES
1 Tested with the clock stopped
2 IBHL should be measured after lowering VIN to GND and then raising to 10V on the following pins 36–51 66 67
3 IBHH should be measured after raising VIN to VCC and then lowering to 30V on the following pins 4–6 36–51 66–68
4 An external driver must source at least IBHLO to switch this node from LOW to HIGH
5 An external driver must sink at least IBHHO to switch this node from HIGH to LOW
6 Tested with outputs unloaded and at maximum frequency
7 Tested while clock stopped in phase 2 and inputs at VCC or VSS with the outputs unloaded
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com