Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M80C286 Datasheet(PDF) 21 Page - Intel Corporation

Part # M80C286
Description  HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C286 Datasheet(HTML) 21 Page - Intel Corporation

Back Button M80C286 Datasheet HTML 17Page - Intel Corporation M80C286 Datasheet HTML 18Page - Intel Corporation M80C286 Datasheet HTML 19Page - Intel Corporation M80C286 Datasheet HTML 20Page - Intel Corporation M80C286 Datasheet HTML 21Page - Intel Corporation M80C286 Datasheet HTML 22Page - Intel Corporation M80C286 Datasheet HTML 23Page - Intel Corporation M80C286 Datasheet HTML 24Page - Intel Corporation M80C286 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
M80C286
Table 15 M80C286 Pointer Test Instructions
Instruction
Operands
Function
ARPL
Selector
Adjust Requested Privilege
Register
Level adjusts the RPL of
the selector to the numeric
maximum of current selec-
tor RPL value and the RPL
value in the register Set
zero flag if selector RPL
was changed by ARPL
VERR
Selector
VERify for Read sets the
zero flag if the segment re-
ferred to by the selector
can be read
VERW
Selector
VERify for Write sets the
zero flag if the segment re-
ferred to by the selector
can be written
LSL
Register
Load Segment Limit reads
Selector
the segment limit into the
register if privilege rules
and descriptor type allow
Set zero flag if successful
LAR
Register
Load Access Rights reads
Selector
the
descriptor
access
rights byte into the register
if privilege rules allow Set
zero flag if successful
DOUBLE FAULT AND SHUTDOWN
If two separate exceptions are detected during a sin-
gle instruction execution the M80C286 performs the
double fault exception (8) If an execution occurs
during processing of the double fault exception the
M80C286 will enter shutdown During shutdown no
further instructions or exceptions are processed Ei-
ther NMI (CPU remains in protected mode) or RE-
SET (CPU exits protected mode) can force the
M80C286 out of shutdown Shutdown is externally
signalled via a HALT bus operation with A1 LOW
PROTECTED MODE INITIALIZATION
The M80C286 initially executes in real address
mode after RESET To allow initialization code to be
placed at the top of physical memory A23–A20 will
be HIGH when the M80C286 performs memory ref-
erences relative to the CS register until CS is
changed A23–A20 will be zero for references to the
DS ES or SS segments Changing CS in real ad-
dress mode will force A23–A20 LOW whenever CS is
used again The initial CSIP value of F000FFF0
provides 64K bytes of code space for initialization
code without changing CS
Protected mode operation requires several registers
to be initialized The GDT and IDT base registers
must refer to a valid GDT and IDT After executing
the LMSW instruction to set PE the M80C286 must
immediately execute an intra-segment JMP instruc-
tion to clear the instruction queue of instructions de-
coded in real address mode
To force the M80C286 CPU registers to match the
initial protected mode state assumed by software
execute a JMP instruction with a selector referring to
the initial TSS used in the system This will load the
task register local descriptor table register segment
registers and initial general register state The TR
should point at a valid TSS since any task switch
operation involves saving the current task state
SYSTEM INTERFACE
The M80C286 system interface appears in two
forms a local bus and a system bus The local bus
consists of address data status and control signals
at the pins of the CPU A system bus is any buffered
version of the local bus A system bus may also dif-
fer from the local bus in terms of coding of status
and control lines andor timing and loading of sig-
nals The M80C286 family includes several devices
to generate standard system buses such as the
IEEE 796 standard MULTIBUS
Bus Interface Signals and Timing
The M80C286 microsystem local bus interfaces the
M80C286 to local memory and IO components
The interface has 24 address lines 16 data lines
and 8 status and control signals
The M80C286 CPU
M82C284 clock generator
M82C288 bus controller transceivers and latches
provide a buffered and decoded system bus inter-
face The M82C284 generates the system clock and
synchronizes READY and RESET The M82C288
converts bus operation status encoded by the
M80C286 into command and bus control signals
These components can provide the timing and elec-
trical power drive levels required for most system
bus interfaces including the Multibus
Physical Memory and IO Interface
A maximum of 16 megabytes of physical memory
can be addressed in protected mode One mega-
byte can be addressed in real address mode Memo-
ry is accessible as bytes or words Words consist of
any two consecutive bytes addressed with the least
significant byte stored in the lowest address
Byte transfers occur on either half of the 16-bit local
data bus Even bytes are accessed over D7–D0
while odd bytes are transferred over D15–D8 Even-
addressed words are transferred over D15–D0 in
one bus cycle while odd-addressed word require
two bus operations The first transfers data on
D15–D8 and the second transfers data on D7–D0
Both byte data transfers occur automatically trans-
parent to software
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com