Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M80C286 Datasheet(PDF) 46 Page - Intel Corporation

Part # M80C286
Description  HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C286 Datasheet(HTML) 46 Page - Intel Corporation

Back Button M80C286 Datasheet HTML 42Page - Intel Corporation M80C286 Datasheet HTML 43Page - Intel Corporation M80C286 Datasheet HTML 44Page - Intel Corporation M80C286 Datasheet HTML 45Page - Intel Corporation M80C286 Datasheet HTML 46Page - Intel Corporation M80C286 Datasheet HTML 47Page - Intel Corporation M80C286 Datasheet HTML 48Page - Intel Corporation M80C286 Datasheet HTML 49Page - Intel Corporation M80C286 Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
M80C286
AC CHARACTERISTICS (Continued)
M82C284 Timing Requirements
Symbol
Parameter
M82C284-10
Unit
Comments
Min
Max
11
SRDY SRDYEN Setup Time
175
ns
12
SRDY SRDYEN Hold Time
2
ns
13
ARDY ARDYEN Setup Time
0
ns
(Note 1)
14
ARDY ARDYEN Hold Time
30
ns
(Note 1)
19
PCLK Delay
0
35
ns
CL e 75 pF
IOL e 5mA
IOH eb1mA
NOTE
1 These times are given for testing purposes to assure a predetermined action
M82C288 Timing Requirements
Symbol
Parameter
M82C288-10
Unit
Comments
Min
Max
12
CMDLY Setup Time
15
ns
13
CMDLY Hold Time
1
ns
30
Command
Command Inactive
5
20
CL e 300 pF max
Delay
Command Active
3
21
ns
IOL e 32 mA max
29
from CLK
IOH eb5mAmax
16
ALE Active Delay
3
16
ns
17
ALE Inactive Delay
19
ns
19
DTR Read Active Delay
23
ns
CL e 150 pF
22
DTR Read Inactive Delay
5
20
ns
IOL e 16 mA max
20
DEN Read Active Delay
5
21
ns
IOH eb1mAmax
21
DEN Read Inactive Delay
3
21
ns
23
DEN Write Active Delay
23
ns
24
DEN Write Inactive Delay
3
19
ns
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com