Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS80C88 Datasheet(PDF) 31 Page - Intersil Corporation

Part # CS80C88
Description  CMOS 8/16-Bit Microprocessor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS80C88 Datasheet(HTML) 31 Page - Intersil Corporation

Back Button CS80C88 Datasheet HTML 24Page - Intersil Corporation CS80C88 Datasheet HTML 25Page - Intersil Corporation CS80C88 Datasheet HTML 26Page - Intersil Corporation CS80C88 Datasheet HTML 27Page - Intersil Corporation CS80C88 Datasheet HTML 28Page - Intersil Corporation CS80C88 Datasheet HTML 29Page - Intersil Corporation CS80C88 Datasheet HTML 30Page - Intersil Corporation CS80C88 Datasheet HTML 31Page - Intersil Corporation CS80C88 Datasheet HTML 32Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
3-31
Intersegment
1 1 0 0 1 0 1 1
Intersegment Adding Immediate to SP
1 1 0 0 1 0 1 0
data-low
data-high
JE/JZ = Jump on Equal/Zero
0 1 1 1 0 1 0 0
disp
JL/JNGE = Jump on Less/Not Greater or Equal
0 1 1 1 1 1 0 0
disp
JLE/JNG = Jump on Less or Equal/ Not Greater
0 1 1 1 1 1 1 0
disp
JB/JNAE = Jump on Below/Not Above or Equal
0 1 1 1 0 0 1 0
disp
JBE/JNA = Jump on Below or Equal/Not Above
0 1 1 1 0 1 1 0
disp
JP/JPE = Jump on Parity/Parity Even
0 1 1 1 1 0 1 0
disp
JO = Jump on Overflow
0 1 1 1 0 0 0 0
disp
JS = Jump on Sign
0 1 1 1 1 0 0 0
disp
JNE/JNZ = Jump on Not Equal/Not Zero
0 1 1 1 0 1 0 1
disp
JNL/JGE = Jump on Not Less/Greater or Equal
0 1 1 1 1 1 0 1
disp
JNLE/JG = Jump on Not Less or Equal/Greater
0 1 1 1 1 1 1 1
disp
JNB/JAE = Jump on Not Below/Above or Equal
0 1 1 1 0 0 1 1
disp
JNBE/JA = Jump on Not Below or Equal/Above
0 1 1 1 0 1 1 1
disp
JNP/JPO = Jump on Not Par/Par Odd
0 1 1 1 1 0 1 1
disp
JNO = Jump on Not Overflow
0 1 1 1 0 0 0 1
disp
JNS = Jump on Not Sign
0 1 1 1 1 0 0 1
disp
LOOP = Loop CX Times
1 1 1 0 0 0 1 0
disp
LOOPZ/LOOPE = Loop While Zero/Equal
1 1 1 0 0 0 0 1
disp
LOOPNZ/LOOPNE = Loop While Not Zero/Equal
1 1 1 0 0 0 0 0
disp
JCXZ = Jump on CX Zero
1 1 1 0 0 0 1 1
disp
INT = Interrupt
Type Specified
1 1 0 0 1 1 0 1
type
Type 3
1 1 0 0 1 1 0 0
INTO = Interrupt on Overflow
1 1 0 0 1 1 1 0
IRET = Interrupt Return
1 1 0 0 1 1 1 1
PROCESSOR CONTROL
CLC = Clear Carry
1 1 1 1 1 0 0 0
CMC = Complement Carry
1 1 1 1 0 1 0 1
STC = Set Carry
1 1 1 1 1 0 0 1
CLD = Clear Direction
1 1 1 1 1 1 0 0
STD = Set Direction
1 1 1 1 1 1 0 1
CLl = Clear Interrupt
1 1 1 1 1 0 1 0
ST = Set Interrupt
1 1 1 1 1 0 1 1
HLT = Halt
1 1 1 1 0 1 0 0
WAIT = Wait
1 0 0 1 1 0 1 1
ESC = Escape (to External Device)
1 1 0 1 1 x x x
mod x x x r/m
LOCK = Bus Lock Prefix
1 1 1 1 0 0 0 0
Instruction Set Summary (Continued)
MNEMONIC AND DESCRIPTION
INSTRUCTION CODE
7 6 5 4 3 2 1 0
7 6 5 4 3 2 1 0
7 6 5 4 3 2 1 0
7 6 5 4 3 2 1 0
80C88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com