Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS80C88 Datasheet(PDF) 25 Page - Intersil Corporation

Part # CS80C88
Description  CMOS 8/16-Bit Microprocessor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS80C88 Datasheet(HTML) 25 Page - Intersil Corporation

Back Button CS80C88 Datasheet HTML 21Page - Intersil Corporation CS80C88 Datasheet HTML 22Page - Intersil Corporation CS80C88 Datasheet HTML 23Page - Intersil Corporation CS80C88 Datasheet HTML 24Page - Intersil Corporation CS80C88 Datasheet HTML 25Page - Intersil Corporation CS80C88 Datasheet HTML 26Page - Intersil Corporation CS80C88 Datasheet HTML 27Page - Intersil Corporation CS80C88 Datasheet HTML 28Page - Intersil Corporation CS80C88 Datasheet HTML 29Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
3-25
AC Test Circuit
AC Testing Input, Output Waveform
FIGURE 30. RESET TIMING
Waveforms (Continued)
VCC
CLK
RESET
≥ 50µs
≥ 4 CLK CYCLES
(7) TCLDX1
(6) TDVCL
OUTPUT FROM
DEVICE UNDER TEST
TEST
CL (NOTE)
POINT
NOTE: Includes stay and jig capacitance.
INPUT
VIH + 20% VIH
VIL - 50% VIL
OUTPUT
VOH
VOL
1.5V
1.5V
AC Testing: All input signals (other than CLK) must switch between
VILMAX -50% VIL and VIHMIN +20% VIH. CLK must
switch between 0.4V and VCC -0.4V. Input rise and fall
times are driven at 1ns/V.
Burn-In Circuits
MD80C88 (CERDIP)
33
34
35
36
37
38
40
32
31
30
29
24
25
26
27
28
21
22
23
13
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
39
GND
GND
NMI
INTR
CLK
GND
1
RIO
RIO
RIO
RIO
RIO
RIO
RIO
RIO
RIO
RIO
RIO
RC
RI
RI
VCC/2
VCL
VCL
VIL
GND
VCC/2
VCC/2
RI
VCC/2
VCC/2
VCC/2
VCL
VCC
GND
RIO
RO
RO
RO
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
GND
VCL
NODE
FROM
PROGRAM
CARD
GND
GND
VCL
GND
GND
VCL
GND
GND
GND
VCL
VCL
VCL
OPEN
OPEN
OPEN
OPEN
GND
GND
F0
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
A
A14
A13
A12
A11
A10
A9
A8
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
VCC
QS2
TEST
READY
RESET
A15
A16
A17
A18
A19
BHE
MX
RD
RQ0
RQ1
LOCK
S2
S1
S0
QS0
C
80C88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com