Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS80C88 Datasheet(PDF) 14 Page - Intersil Corporation

Part # CS80C88
Description  CMOS 8/16-Bit Microprocessor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS80C88 Datasheet(HTML) 14 Page - Intersil Corporation

Back Button CS80C88 Datasheet HTML 10Page - Intersil Corporation CS80C88 Datasheet HTML 11Page - Intersil Corporation CS80C88 Datasheet HTML 12Page - Intersil Corporation CS80C88 Datasheet HTML 13Page - Intersil Corporation CS80C88 Datasheet HTML 14Page - Intersil Corporation CS80C88 Datasheet HTML 15Page - Intersil Corporation CS80C88 Datasheet HTML 16Page - Intersil Corporation CS80C88 Datasheet HTML 17Page - Intersil Corporation CS80C88 Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
3-14
The 80C88 and 80C86 are completely software compatible
by virtue of their identical execution units. Software that is
system dependent may not be completely transferable, but
software that is not system dependent will operate equally
as well on an 80C88 or an 80C86.
The hardware interface of the 80C88 contains the major
differences between the two CPUs. The pin assignments are
nearly identical, however, with the following functional
changes:
• A8-A15: These pins are only address outputs on the
80C88. These address lines are latched internally and
remain valid throughout a bus cycle in a manner similar to
the 8085 upper address lines.
• BHE has no meaning on the 80C88 and has been elimi-
nated.
• SS0 provides the S0 status information in the minimum
mode. This output occurs on pin 34 in minimum mode
only. DT/R, IO/M and SS0 provide the complete bus status
in minimum mode.
• IO/M has been inverted to be compatible with the 8085
bus structure.
• ALE is delayed by one clock cycle in the minimum mode
when entering HALT, to allow the status to be latched with
ALE.
T1
T2
T3
T4
A7-A0
DATA IN
CLK
QS1, QS0
S2, S1, S0
A19/S6 - A16/S3
ALE
80C88
AD7 - AD0
DEN
S6 - S3
DT/R
MRDC
82C84
RDY
READY
80C88
A19 - A16
A15 - A8
FIGURE 21. MEDIUM COMPLEXITY SYSTEM TIMING
RD
A15 - A8
80C88
80C88
80C88
DATA OUT
80C88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com