Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS80C88 Datasheet(PDF) 29 Page - Intersil Corporation

Part # CS80C88
Description  CMOS 8/16-Bit Microprocessor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS80C88 Datasheet(HTML) 29 Page - Intersil Corporation

Back Button CS80C88 Datasheet HTML 24Page - Intersil Corporation CS80C88 Datasheet HTML 25Page - Intersil Corporation CS80C88 Datasheet HTML 26Page - Intersil Corporation CS80C88 Datasheet HTML 27Page - Intersil Corporation CS80C88 Datasheet HTML 28Page - Intersil Corporation CS80C88 Datasheet HTML 29Page - Intersil Corporation CS80C88 Datasheet HTML 30Page - Intersil Corporation CS80C88 Datasheet HTML 31Page - Intersil Corporation CS80C88 Datasheet HTML 32Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
3-29
Immediate to Register/Memory
1 0 0 0 0 0 s w
mod 0 1 0 r/m
data
data if s:w = 01
Immediate to Accumulator
0 0 0 1 0 1 0 w
data
data if w = 1
INC = Increment:
Register/Memory
1 1 1 1 1 1 1 w
mod 0 0 0 r/m
Register
0 1 0 0 0 reg
AAA = ASCll Adjust for Add
0 0 1 1 0 1 1 1
DAA = Decimal Adjust for Add
0 0 1 0 0 1 1 1
SUB = Subtract:
Register/Memory and Register to Either
0 0 1 0 1 0 d w
mod reg r/m
Immediate from Register/Memory
1 0 0 0 0 0 s w
mod 1 0 1 r/m
data
data if s:w = 01
Immediate from Accumulator
0 0 1 0 1 1 0 w
data
data if w = 1
SBB = Subtract with Borrow
Register/Memory and Register to Either
0 0 0 1 1 0 d w
mod reg r/m
Immediate from Register/Memory
1 0 0 0 0 0 s w
mod 0 1 1 r/m
data
data if s:w = 01
Immediate from Accumulator
0 0 0 1 1 1 0 w
data
data if w = 1
DEC = Decrement:
Register/Memory
1 1 1 1 1 1 1 w
mod 0 0 1 r/m
Register
0 1 0 0 1 reg
NEG = Change Sign
1 1 1 1 0 1 1 w
mod 0 1 1 r/m
CMP = Compare:
Register/Memory and Register
0 0 1 1 1 0 d w
mod reg r/m
Immediate with Register/Memory
1 0 0 0 0 0 s w
mod 1 1 1 r/m
data
data if s:w = 01
Immediate with Accumulator
0 0 1 1 1 1 0 w
data
data if w = 1
AAS = ASCll Adjust for Subtract
0 0 1 1 1 1 1 1
DAS = Decimal Adjust for Subtract
0 0 1 0 1 1 1 1
MUL = Multiply (Unsigned)
1 1 1 1 0 1 1 w
mod 1 0 0 r/m
IMUL = Integer Multiply (Signed)
1 1 1 1 0 1 1 w
mod 1 0 1 r/m
AAM = ASCll Adjust for Multiply
1 1 0 1 0 1 0 0
0 0 0 0 1 0 1 0
DlV = Divide (Unsigned)
1 1 1 1 0 1 1 w
mod 1 1 0 r/m
IDlV = Integer Divide (Signed)
1 1 1 1 0 1 1 w
mod 1 1 1 r/m
AAD = ASClI Adjust for Divide
1 1 0 1 0 1 0 1
0 0 0 0 1 0 1 0
CBW = Convert Byte to Word
1 0 0 1 1 0 0 0
CWD = Convert Word to Double Word
1 0 0 1 1 0 0 1
LOGIC
NOT = Invert
1 1 1 1 0 1 1 w
mod 0 1 0 r/m
SHL/SAL = Shift Logical/Arithmetic Left
1 1 0 1 0 0 v w
mod 1 0 0 r/m
SHR = Shift Logical Right
1 1 0 1 0 0 v w
mod 1 0 1 r/m
SAR = Shift Arithmetic Right
1 1 0 1 0 0 v w
mod 1 1 1 r/m
ROL = Rotate Left
1 1 0 1 0 0 v w
mod 0 0 0 r/m
ROR = Rotate Right
1 1 0 1 0 0 v w
mod 0 0 1 r/m
RCL = Rotate Through Carry Flag Left
1 1 0 1 0 0 v w
mod 0 1 0 r/m
Instruction Set Summary (Continued)
MNEMONIC AND DESCRIPTION
INSTRUCTION CODE
7 6 5 4 3 2 1 0
7 6 5 4 3 2 1 0
7 6 5 4 3 2 1 0
7 6 5 4 3 2 1 0
80C88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com