Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS80C88 Datasheet(PDF) 28 Page - Intersil Corporation

Part # CS80C88
Description  CMOS 8/16-Bit Microprocessor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS80C88 Datasheet(HTML) 28 Page - Intersil Corporation

Back Button CS80C88 Datasheet HTML 24Page - Intersil Corporation CS80C88 Datasheet HTML 25Page - Intersil Corporation CS80C88 Datasheet HTML 26Page - Intersil Corporation CS80C88 Datasheet HTML 27Page - Intersil Corporation CS80C88 Datasheet HTML 28Page - Intersil Corporation CS80C88 Datasheet HTML 29Page - Intersil Corporation CS80C88 Datasheet HTML 30Page - Intersil Corporation CS80C88 Datasheet HTML 31Page - Intersil Corporation CS80C88 Datasheet HTML 32Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
3-28
Instruction Set Summary
MNEMONIC AND DESCRIPTION
INSTRUCTION CODE
7 6 5 4 3 2 1 0
7 6 5 4 3 2 1 0
7 6 5 4 3 2 1 0
7 6 5 4 3 2 1 0
DATA TRANSFER
MOV = MOVE:
Register/Memory to/from Register
1 0 0 0 1 0 d w
mod reg r/m
Immediate to Register/Memory
1 1 0 0 0 1 1 w
mod 0 0 0 r/m
data
data if w 1
Immediate to Register
1 0 1 1 w reg
data
data if w 1
Memory to Accumulator
1 0 1 0 0 0 0 w
addr-low
addr-high
Accumulator to Memory
1 0 1 0 0 0 1 w
addr-low
addr-high
Register/Memory to Segment Register ††
1 0 0 0 1 1 1 0
mod 0 reg r/m
Segment Register to Register/Memory
1 0 0 0 1 1 0 0
mod 0 reg r/m
PUSH = Push:
Register/Memory
1 1 1 1 1 1 1 1
mod 1 1 0 r/m
Register
0 1 0 1 0 reg
Segment Register
0 0 0 reg 1 1 0
POP = Pop:
Register/Memory
1 0 0 0 1 1 1 1
mod 0 0 0 r/m
Register
0 1 0 1 1 reg
Segment Register
0 0 0 reg 1 1 1
XCHG = Exchange:
Register/Memory with Register
1 0 0 0 0 1 1 w
mod reg r/m
Register with Accumulator
1 0 0 1 0 reg
IN = Input from:
Fixed Port
1 1 1 0 0 1 0 w
port
Variable Port
1 1 1 0 1 1 0 w
OUT = Output to:
Fixed Port
1 1 1 0 0 1 1 w
port
Variable Port
1 1 1 0 1 1 1 w
XLAT = Translate Byte to AL
1 1 0 1 0 1 1 1
LEA = Load EA to Register2
1 0 0 0 1 1 0 1
mod reg r/m
LDS = Load Pointer to DS
1 1 0 0 0 1 0 1
mod reg r/m
LES = Load Pointer to ES
1 1 0 0 0 1 0 0
mod reg r/m
LAHF = Load AH with Flags
1 0 0 1 1 1 1 1
SAHF = Store AH into Flags
1 0 0 1 1 1 1 0
PUSHF = Push Flags
1 0 0 1 1 1 0 0
POPF = Pop Flags
1 0 0 1 1 1 0 1
ARITHMETIC
ADD = Add:
Register/Memory with Register to Either
0 0 0 0 0 0 d w
mod reg r/m
Immediate to Register/Memory
1 0 0 0 0 0 s w
mod 0 0 0 r/m
data
data if s:w = 01
Immediate to Accumulator
0 0 0 0 0 1 0 w
data
data if w = 1
ADC = Add with Carry:
Register/Memory with Register to Either
0 0 0 1 0 0 d w
mod reg r/m
80C88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com